Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HT56R67 Datasheet(PDF) 70 Page - Holtek Semiconductor Inc

Part # HT56R67
Description  TinyPowerTM A/D Type with LCD 8-Bit MCU
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT56R67 Datasheet(HTML) 70 Page - Holtek Semiconductor Inc

Back Button HT56R67_12 Datasheet HTML 66Page - Holtek Semiconductor Inc HT56R67_12 Datasheet HTML 67Page - Holtek Semiconductor Inc HT56R67_12 Datasheet HTML 68Page - Holtek Semiconductor Inc HT56R67_12 Datasheet HTML 69Page - Holtek Semiconductor Inc HT56R67_12 Datasheet HTML 70Page - Holtek Semiconductor Inc HT56R67_12 Datasheet HTML 71Page - Holtek Semiconductor Inc HT56R67_12 Datasheet HTML 72Page - Holtek Semiconductor Inc HT56R67_12 Datasheet HTML 73Page - Holtek Semiconductor Inc HT56R67_12 Datasheet HTML 74Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 104 page
background image
HT56R67/HT56R668/HT56C668/HT56R678/HT56C678/HT56R688
Rev. 1.60
70
May 21, 2012
External Peripheral Interrupt
The External Peripheral Interrupt operates in a similar
way to the external interrupt and is contained within the
Multi-function interrupt.
For an external peripheral interrupt to occur, the global
interrupt enable bit, EMI, external peripheral interrupt
enable bit, EPI, and Multi-function interrupt enable bit,
EMFI, must first be set. An actual external peripheral in-
terrupt will take place when the external interrupt re-
quest flag, PEF, is set, a situation that will occur when a
negative transition, appears on the PINT pin. The exter-
nal peripheral interrupt pin is pin-shared with one of the
segment pins, and is configured as a peripheral interrupt
pin via a configuration option. When the interrupt is en-
abled, the stack is not full and a negative transition type
appears on the external peripheral interrupt pin, a sub-
routine call to the Multi-function interrupt vector at
location18H, will take place. When the external periph-
eral interrupt is serviced, the EMI bit will be cleared to
disable other interrupts, however only the MFF interrupt
request flag will be reset. As the PEF flag will not be au-
tomatically reset, it has to be cleared by the application
program.
Timer/Event Counter Interrupt
For a Timer/Event Counter 0 or Timer/Event Counter 1
interrupt to occur, the global interrupt enable bit, EMI,
and the corresponding timer interrupt enable bit, ET0I or
ET1I must first be set. An actual Timer/Event Counter in-
terrupt will take place when the Timer/Event Counter re-
quest flag, T0F or T1F is set, a situation that will occur
when the Timer/Event Counter overflows. When the in-
terrupt is enabled, the stack is not full and a Timer/Event
Counter overflow occurs, a subroutine call to the timer
interrupt vector at location 0CH or 10C, will take place.
When the interrupt is serviced, the timer interrupt re-
quest flag, T0F or T1F, will be automatically reset and
the EMI bit will be automatically cleared to disable other
interrupts.
Timer Event Counter 0 and Timer/Event Counter 1 have
their own individual interrupt vectors, however the inter-
rupt vector for Timer/Event Counter 2 or Timer/Event
counter 3 is contained within the Multi-function Interrupt.
For a Timer/Event Counter 2 or a Timer/Event counter 3
interrupt to occur, the global interrupt enable bit, EMI,
Timer/Event Counter 2 or Timer/Event counter 3 inter-
rupt enable bit, ET2I or ET3I, and Multi-function interrupt
enable bit, EMFI, must first be set. An actual interrupt
will take place when the Timer/Event Counter 2 or
Timer/Event counter 3 request flag, T2F or T3F, is set, a
situation that will occur when the Timer/Event Counter 2
or Timer/Event counter 3 overflows. When the interrupt
is enabled, the stack is not full and the Timer/Event
Counter 2 or Timer/Event counter 3 overflows, a subrou-
tine call to the Multi-function interrupt vector at location
18H, will take place. When the Timer/Event 2 or
Timer/Event counter 3 interrupt is serviced, the EMI bit
will be cleared to disable other interrupts, however only
the MFF interrupt request flag will be reset. As the T2F
or T3F flag will not be automatically reset, it has to be
cleared by the application program.
A/D Interrupt
The A/D Interrupt is contained within the Multi-function
Interrupt.
For an A/D Interrupt to be generated, the global interrupt
enable bit, EMI, A/D Interrupt enable bit, EADI, and
Multi-function interrupt enable bit, EMFI, must first be
set. An actual A/D Interrupt will take place when the A/D
Interrupt request flag, ADF, is set, a situation that will oc-
cur when the A/D conversion process has finished.
When the interrupt is enabled, the stack is not full and
the A/D conversion process has ended, a subroutine
call to the Multi-function interrupt vector at location18H,
will take place. When the A/D Interrupt is serviced, the
EMI bit will be cleared to disable other interrupts, how-
ever only the MFF interrupt request flag will be reset. As
the ADF flag will not be automatically reset, it has to be
cleared by the application program.
I N T E D G E R e g i s t e r
I N T 0 E d g e S e l e c t
I N T 0 S 1
I N T 0 S 0
I N T 1 E d g e S e l e c t
I N T 1 S 1
I N T 1 S 0
N o t i m p l e m e n t e d , r e a d a s " 0 "
b 0
I N T 1 S 0 I N T 0 S 1 I N T 0 S 0
b 7
I N T 1 S 1
0
0
1
1
0
1
0
1
d i s a b l e
r i s i n g e d g e t r i g g e r
f a l l i n g e d g e t r i g g e r
d u a l e d g e t r i g g e r
0
0
1
1
0
1
0
1
d i s a b l e
r i s i n g e d g e t r i g g e r
f a l l i n g e d g e t r i g g e r
d u a l e d g e t r i g g e r
Interrupt Active Edge Register
- INTEDGE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com