Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AMG-LI080 Datasheet(PDF) 7 Page - alpha microelectronics gmbh

Part # AMG-LI080
Description  Timer/Dimmer with Gate Driver, Zero Detection & Protection
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHA-MICRO [alpha microelectronics gmbh]
Direct Link  http://www.alpha-microelectronics.de
Logo ALPHA-MICRO - alpha microelectronics gmbh

AMG-LI080 Datasheet(HTML) 7 Page - alpha microelectronics gmbh

Back Button AMG-LI080 Datasheet HTML 3Page - alpha microelectronics gmbh AMG-LI080 Datasheet HTML 4Page - alpha microelectronics gmbh AMG-LI080 Datasheet HTML 5Page - alpha microelectronics gmbh AMG-LI080 Datasheet HTML 6Page - alpha microelectronics gmbh AMG-LI080 Datasheet HTML 7Page - alpha microelectronics gmbh AMG-LI080 Datasheet HTML 8Page - alpha microelectronics gmbh AMG-LI080 Datasheet HTML 9Page - alpha microelectronics gmbh AMG-LI080 Datasheet HTML 10Page - alpha microelectronics gmbh AMG-LI080 Datasheet HTML 11Page - alpha microelectronics gmbh Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
AMG-LI080
Timer/Dimmer with Gate Driver, Zero Detection & Protection
7. Pin description
VDD
q
Power supply voltage, supply voltage for all internal circuits
q
external block capacitor to be connected between this pin and ground
GND
q
Supply voltage ground, ground reference point for all thresholds
OUT
q
Gate Driver output
TRES
q
Threshold input, to be connected with a cap and source resistance to set the reset time
INZ
q
Zero crossing detection input
q
Set the duty cycle when the voltage goes through zero
IOUT
q
Current source output for soft start
CS
q
Input, connected to a capacitor setting the soft start time
CM1, CM2
q
Input, connection 1 and 2 for a cap, setting the pulse width via internal monoflop
OC1, OC2
q
Current sense input for OCP, connection to external shunt resistors
q
On over current conditions, the output OUT and status OS are both pulled low
OV
q
Over voltage protection input, connected to an external diode with voltage divider
q
On over voltage conditions, the output OUT and status OS are pulled low
OT
q
Over temperature protection input, connected to an external NTC with voltage divider
q
On over temperature conditions, the output OUT and status OS are pulled low
OS
q
Output status indicator
q
On over current, voltage and temperature conditions this output is pulled low
AMG-LI080
Revision: B
8. Nov. 2012
© All rights reserved
Page 7 of 24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com