Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AMG-LL75X Datasheet(PDF) 3 Page - alpha microelectronics gmbh

Part # AMG-LL75X
Description  High Efficiency Step Down LED Driver for High Brightness LED and OLED
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHA-MICRO [alpha microelectronics gmbh]
Direct Link  http://www.alpha-microelectronics.de
Logo ALPHA-MICRO - alpha microelectronics gmbh

AMG-LL75X Datasheet(HTML) 3 Page - alpha microelectronics gmbh

  AMG-LL75X Datasheet HTML 1Page - alpha microelectronics gmbh AMG-LL75X Datasheet HTML 2Page - alpha microelectronics gmbh AMG-LL75X Datasheet HTML 3Page - alpha microelectronics gmbh AMG-LL75X Datasheet HTML 4Page - alpha microelectronics gmbh AMG-LL75X Datasheet HTML 5Page - alpha microelectronics gmbh AMG-LL75X Datasheet HTML 6Page - alpha microelectronics gmbh AMG-LL75X Datasheet HTML 7Page - alpha microelectronics gmbh AMG-LL75X Datasheet HTML 8Page - alpha microelectronics gmbh AMG-LL75X Datasheet HTML 9Page - alpha microelectronics gmbh Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
AMG-LL75x
High Efficiency Step Down LED Driver for High Brightness LED and OLED
4. Picture
5. Pinning / Pad Coordinates
Symbol
Description
Vin
Supply voltage positive input. Apply a DC voltage of 7V to 30V here.
The input is protected with a fuse and a diode to prevent damage from
reserved power supply and safely disconnect the power in case of
failure.
GND
Supply voltage negative input and ground reference for MOD input.
LEDa
Positive output for LED, connect the anode of the first LED of the
string to this pin.
LEDk
Negative output for LED, connect the cathode of the last LED of the
string to this pin. This pin is not identical to GND!
MOD
PWM input. Pulling this pin high shuts off the output. Feeding a PWM
signal with up to 1kHz can be used to control the brightness of the
connected LEDs. Pulling the pin high permanently puts LW05 in a
standby mode. This can be left unconnected if no brightness control is
required.
AMG-LL75x
Revision: A
28. Mar. 2012
© All rights reserved
Page 3 of 12
Figure 2: Example Picture



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com