Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AMG-LM302 Datasheet(PDF) 13 Page - alpha microelectronics gmbh

Part # AMG-LM302
Description  Ballast Controller for Metal Halide Lamps
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHA-MICRO [alpha microelectronics gmbh]
Direct Link  http://www.alpha-microelectronics.de
Logo ALPHA-MICRO - alpha microelectronics gmbh

AMG-LM302 Datasheet(HTML) 13 Page - alpha microelectronics gmbh

Back Button AMG-LM302 Datasheet HTML 9Page - alpha microelectronics gmbh AMG-LM302 Datasheet HTML 10Page - alpha microelectronics gmbh AMG-LM302 Datasheet HTML 11Page - alpha microelectronics gmbh AMG-LM302 Datasheet HTML 12Page - alpha microelectronics gmbh AMG-LM302 Datasheet HTML 13Page - alpha microelectronics gmbh AMG-LM302 Datasheet HTML 14Page - alpha microelectronics gmbh AMG-LM302 Datasheet HTML 15Page - alpha microelectronics gmbh AMG-LM302 Datasheet HTML 16Page - alpha microelectronics gmbh AMG-LM302 Datasheet HTML 17Page - alpha microelectronics gmbh Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
AMG-LM302
Ballast Controller for Metal Halide Lamps
#
Symbol Parameter
Conditions
Min
Typ
Max
Unit
36 IPo
Input bias current
-1
1
µA
37 AV
Voltage gain
Open loop
60
dB
38 ICP_L
Pos. current capability
VCP=2.5V; VPo=3.25V
3
mA
39 ICP_H
Neg. current capability
VCP=2.5V; VPo=1.75V
-2
mA
40 VCP_H
Upper output voltage limit
ICP=-0.5mA
V5V-
1.0
V
41 VCP_L
Lower output voltage limit
ICP=0.5mA
1.0
V
SUBSECTION: Zero current detector (ZCD)
42 VZCD_CLH Upper clamp voltage
IZCD=3mA
3.2
4.5
V
43 VZCD_CLL Lower clamp voltage
IZCD=-3mA
0.5
1.7
V
44 VZCD_th
ZCD threshold
2.5
V
45 IZCD_C
Pos. current capability
7
mA
46 IZCD_C
Neg. current capability
-10
mA
SUBSECTION: PFC driver
47 VDRV_H
Driver output high drop voltage
related to V15V
IDRV=-20mA
0.5
V
48 VDRV_H
Driver output high drop voltage
related to V15V
IDRV=-200mA
2.0
V
49 VDRV_L
Driver output low voltage
IDRV=20mA
0.3
V
50 VDRV_L
Driver output low voltage
IDRV=200mA
1.5
V
51 IDRV_pk
Driver peak current
2.2nF from DRV to
PGND
400
mA
51 IDRV_dis
Disable driver current
VEN=0V or VS=7V;
VDRV=1V
5
mA
SECTION: HID controller (HID)
SUBSECTION: Lamp voltage V/I convert
52 Vouti_OV
Overvoltage threshold
3.45
V
53 Vouti_bst
Ignition try threshold (burst)
2.9
V
54 Vouti_ign
Ignition OK threshold
1.8
V
55 Vouti_bu
Upper break voltage
1.8
V
56 Vouti_bd
Lower break voltage
0.5
V
57 IVOUTi
Input current
-1
1
µA
SUBSECTION: Lamp current V/I convert
58 VIouti
Constant regulation
625
mV
59 IIouti
Iouti input current
-1
1
µA
SUBSECTION: Oscillator
60 ICOP_up
Pull_up current
VCOP=1V
-70
µA
AMG-LM302
Revision: A
29. Jul. 2010
© All rights reserved
Page 13 of 23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com