Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AMG-XB404 Datasheet(PDF) 21 Page - alpha microelectronics gmbh

Part # AMG-XB404
Description  Fully Integrated Single Motor Controller for Electrical Motors
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHA-MICRO [alpha microelectronics gmbh]
Direct Link  http://www.alpha-microelectronics.de
Logo ALPHA-MICRO - alpha microelectronics gmbh

AMG-XB404 Datasheet(HTML) 21 Page - alpha microelectronics gmbh

Back Button AMG-XB404 Datasheet HTML 17Page - alpha microelectronics gmbh AMG-XB404 Datasheet HTML 18Page - alpha microelectronics gmbh AMG-XB404 Datasheet HTML 19Page - alpha microelectronics gmbh AMG-XB404 Datasheet HTML 20Page - alpha microelectronics gmbh AMG-XB404 Datasheet HTML 21Page - alpha microelectronics gmbh AMG-XB404 Datasheet HTML 22Page - alpha microelectronics gmbh AMG-XB404 Datasheet HTML 23Page - alpha microelectronics gmbh AMG-XB404 Datasheet HTML 24Page - alpha microelectronics gmbh AMG-XB404 Datasheet HTML 25Page - alpha microelectronics gmbh Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 73 page
background image
AMG-XB404
Fully Integrated Single Motor Controller for Electrical Motors
5.4. Digital Motor Control Engine (DMCE)
The AMG-XB404 DMCE's features:
32 bit Motor Control Processing Unit (MCPU)
with single precision floating point format
running at 64 MHz
384 words x 24 bits program memory
128 floating point (32 bit) registers
Register-mapped hardware ports to control PWM unit from MCPU
2 lookup-tables (32 floating point entries each)
PWM unit including phase current reconstruction and dead time compensation
Safety shut-down on external error event (e.g. over-current)
AMG-XB404
Revision: A
2. Nov. 2012
© All rights reserved
Page 21 of 73
Figure 10: DMCE block schematic
M0O1
M0O2
M0O3
M0O5
M0O6
M0O4
M0R1
M0R2
M0R3
Bus
IF
M0IFO
MCPU
Program
Memory
DMCE 0
PWM
VAC
VDC
M0I
M0IFB
INT
8 bit
on-chip bus
Register
File
32
DATA
7
ADDR
24
DATA
9
ADDR
32
DATA
7
24
DATA
9
ADDR
ADDR
23
12
12
12
VDCR
NOI
IV
VDC
RDY
IU
15
FPUDAT
TAQU_WR
IOFFS_WR
NW_WR
TD_WR
NU_WR
NV_WR
FPUEN
INT
ADC IF
ADC
Measuring
Amplifier
MUX
ADAQ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com