Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LPC81XM Datasheet(PDF) 22 Page - NXP Semiconductors

Part # LPC81XM
Description  32-bit ARM Cortex-M0 microcontroller; up to 16 kB flash and 4 kB SRAM
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC81XM Datasheet(HTML) 22 Page - NXP Semiconductors

Back Button LPC81XM Datasheet HTML 18Page - NXP Semiconductors LPC81XM Datasheet HTML 19Page - NXP Semiconductors LPC81XM Datasheet HTML 20Page - NXP Semiconductors LPC81XM Datasheet HTML 21Page - NXP Semiconductors LPC81XM Datasheet HTML 22Page - NXP Semiconductors LPC81XM Datasheet HTML 23Page - NXP Semiconductors LPC81XM Datasheet HTML 24Page - NXP Semiconductors LPC81XM Datasheet HTML 25Page - NXP Semiconductors LPC81XM Datasheet HTML 26Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 67 page
background image
LPC81xM
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Objective data sheet
Rev. 1.0 — 7 November 2012
22 of 67
NXP Semiconductors
LPC81xM
32-bit ARM Cortex-M0+ microcontroller
7.20 Clocking and power control
7.20.1 Crystal and internal oscillators
The LPC81xM include four independent oscillators:
1. The crystal oscillator (SysOsc) operating at frequencies between 1 MHz and 25 MHz.
2. The internal RC Oscillator (IRC) with a fixed frequency of 12 MHz, trimmed to 1%
accuracy.
3. The internal low-power, low-frequency Oscillator with a nominal frequency of 10 kHz
with 40% accuracy for use with the self wake-up timer.
4. The dedicated Watchdog Oscillator (WDOsc) with a programmable nominal
frequency between 9.4 kHz and 2.3 MHz with 40% accuracy.
Fig 9.
LPC81xM clock generation
6<67(03//
ZDWFKGRJRVFLOODWRU
,5&RVFLOODWRU
,5&RVFLOODWRU
ZDWFKGRJRVFLOODWRU
6<67(0
26&,//$725
0$,1&/.6(/
PDLQFORFNVHOHFW
6<63//&/.6(/
V\VWHP3// FORFNVHOHFW
&/2&.',9,'(5
6<6$+%&/.',9
$+%FORFN
FRUHV\VWHP
DOZD\VRQ
&/2&.',9,'(5
8$57&/.',9
86$57
86$57
86$57
::'7
,5&RVFLOODWRU
:.7
ORZSRZHURVFLOODWRU
:.7
ZDWFKGRJRVFLOODWRU
,5&RVFLOODWRU
V\VWHPRVFLOODWRU
&/2&.',9,'(5
&/.287',9
&/.287 SLQ
&/.2876(/
&/.287 FORFNVHOHFW
PDLQFORFN
V\VWHPFORFN
6<6$+%&/.&75/>@
V\VWHPFORFNHQDEOH
PHPRULHV
DQGSHULSKHUDOV
SHULSKHUDOFORFNV

DDD
,2&21&/.',9
&/2&.',9,'(5
,2&21
JOLWFKILOWHU

;7$/,1
&/.,1
;7$/287
6<6&21
308
)5$&7,21$/ 5$7(
*(1(5$725



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com