Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

74LVC08AS14-13 Datasheet(PDF) 7 Page - Diodes Incorporated

Part # 74LVC08AS14-13
Description  QUADRUPLE 2-INPUT AND GATES
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74LVC08AS14-13 Datasheet(HTML) 7 Page - Diodes Incorporated

Back Button 74LVC08AS14-13 Datasheet HTML 2Page - Diodes Incorporated 74LVC08AS14-13 Datasheet HTML 3Page - Diodes Incorporated 74LVC08AS14-13 Datasheet HTML 4Page - Diodes Incorporated 74LVC08AS14-13 Datasheet HTML 5Page - Diodes Incorporated 74LVC08AS14-13 Datasheet HTML 6Page - Diodes Incorporated 74LVC08AS14-13 Datasheet HTML 7Page - Diodes Incorporated 74LVC08AS14-13 Datasheet HTML 8Page - Diodes Incorporated 74LVC08AS14-13 Datasheet HTML 9Page - Diodes Incorporated 74LVC08AS14-13 Datasheet HTML 10Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
74LVC08A
Document number: DS35261 Rev. 3 - 2
7 of 10
www.diodes.com
June 2012
© Diodes Incorporated
74LVC08A
Ordering Information
Device
Package
Code
Packaging
(Note 7)
13” Tape and Reel
Quantity
Part Number Suffix
74LVC08AS14-13
S14
SO-14
2500/Tape & Reel
-13
74LVC08AT14-13
T14
TSSOP-14
2500/Tape & Reel
-13
Notes:
7. The taping orientation and tape details can be found at http://www.diodes.com/datasheets/ap02007.pdf
Marking Information
(1) SO-14, TSSOP-14
Part Number
Package
74LVC08AS14
SO-14
74LVC08AT14
TSSOP-14



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com