Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SDM02U30LP3 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # SDM02U30LP3
Description  ULTRA-SMALL SURFACE MOUNT SCHOTTKY DIODE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SDM02U30LP3 Datasheet(HTML) 1 Page - Diodes Incorporated

  SDM02U30LP3 Datasheet HTML 1Page - Diodes Incorporated SDM02U30LP3 Datasheet HTML 2Page - Diodes Incorporated SDM02U30LP3 Datasheet HTML 3Page - Diodes Incorporated SDM02U30LP3 Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SDM02U30LP3
Document number: DS35774 Rev. 3 - 2
1 of 4
www.diodes.com
October 2012
© Diodes Incorporated
SDM02U30LP3
ULTRA-SMALL SURFACE MOUNT SCHOTTKY DIODE
Product Summary
VRRM (V)
IO (mA)
VF max(V)
IR max (μA)
30
100
0.37
7
Description
The SDM02U30LP3 is a schottky barrier diode optimized for ultra low-
forward voltage drop and low reverse leakage current. Encapsulated in
the ultra-small DFN-0603 with footprint of 0.18mm
2 and ultra-low package
profile, this device is designed for saving PCB space in portable
electronic devices.
Applications
Reverse Voltage and Current Protection
Blocking diode
Clamping protection
LCD and Key Pad Backlighting
Freewheeling diode.
Features
0.18mm
2 footprint – 70% smaller than DFN1006/SOD923
Off board profile of 0.35mm – 30% thinner than the DFN1006
Low forward voltage of 0.37V (max) – minimises power
dissipation losses
Low leakage – maximises battery power
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Mechanical Data
Case: X3-DFN0603-2
Case Material: Molded Plastic, “Green” Molding Compound. UL
Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminal Connections: Cathode Bar
Terminals: Finish
− Matte Tin Finish over Copper Leadframe
(Lead Free Plating). Solderable per MIL-STD-202, Method 208
Weight: 0.2mg (Approximate)
Ordering Information (Note 4)
Part Number
Case
Packaging
SDM02U30LP3-7B
X3-DFN0603-2
10,000/Tape & Reel
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green" and Lead-free.
 
3. Halogen- and Antimony-free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. For packaging details, go to our website at http://www.diodes.com.
Marking Information
L2 = Product Type Marking Code
Bar Denotes Cathode Side
Top View
Bottom View
X3-DFN0603-2


Similar Part No. - SDM02U30LP3

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SDM02U30LP3 DIODES-SDM02U30LP3 Datasheet
296Kb / 4P
ULTRA-SMALL SURFACE MOUNT SCHOTTKY DIODE
Rev erse
SDM02U30LP3-7B DIODES-SDM02U30LP3-7B Datasheet
296Kb / 4P
ULTRA-SMALL SURFACE MOUNT SCHOTTKY DIODE
Rev erse
SDM02U30LP3 DIODES-SDM02U30LP3_15 Datasheet
146Kb / 4P
ULTRA-SMALL SURFACE MOUNT SCHOTTKY DIODE
Rev erse
SDM02U30LP3 DIODES-SDM02U30LP3_16 Datasheet
296Kb / 4P
ULTRA-SMALL SURFACE MOUNT SCHOTTKY DIODE
Rev erse
More results

Similar Description - SDM02U30LP3

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
1SS361LP3 DIODES-1SS361LP3 Datasheet
96Kb / 4P
ULTRA-SMALL LEADLESS SURFACE MOUNT SWITCHING DIODE
Rev erse
BAS116LP3 DIODES-BAS116LP3 Datasheet
100Kb / 4P
ULTRA-SMALL SURFACE MOUNT LOW LEAKAGE DIODE
Rev 5
GDZ5V1LP3 DIODES-GDZ5V1LP3 Datasheet
94Kb / 4P
ULTRA-SMALL LEADLESS SURFACE MOUNT ZENER DIODE
Rev 12
BAS116LP3 DIODES-BAS116LP3_15 Datasheet
180Kb / 4P
ULTRA-SMALL SURFACE MOUNT LOW LEAKAGE DIODE
Rev 6
1SS361LP3 DIODES-1SS361LP3_15 Datasheet
176Kb / 4P
ULTRA-SMALL LEADLESS SURFACE MOUNT SWITCHING DIODE
Rev erse
SDM02U30LP3 DIODES-SDM02U30LP3_15 Datasheet
146Kb / 4P
ULTRA-SMALL SURFACE MOUNT SCHOTTKY DIODE
Rev erse
GDZ3V9LP3 DIODES-GDZ3V9LP3 Datasheet
212Kb / 4P
ULTRA-SMALL LEADLESS SURFACE MOUNT ZENER DIODE
Rev 16
SDM02M30LP3 DIODES-SDM02M30LP3 Datasheet
262Kb / 5P
ULTRA-SMALL SURFACE MOUNT SCHOTTKY DIODE
Rev erse
SDM02U30LP3 DIODES-SDM02U30LP3_16 Datasheet
296Kb / 4P
ULTRA-SMALL SURFACE MOUNT SCHOTTKY DIODE
Rev erse
GDZ8V2BLP3 DIODES-GDZ8V2BLP3 Datasheet
93Kb / 4P
ULTRA-SMALL LEADLESS SURFACE MOUNT ZENER DIODE
Rev. 1 - 2 February 2012
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com