Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ED555/2DS Datasheet(PDF) 13 Page - Texas Instruments

Part # ED555/2DS
Description  Performance Demonstration Kit for the ADS130E08
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ED555/2DS Datasheet(HTML) 13 Page - Texas Instruments

Back Button ED555/2DS Datasheet HTML 9Page - Texas Instruments ED555/2DS Datasheet HTML 10Page - Texas Instruments ED555/2DS Datasheet HTML 11Page - Texas Instruments ED555/2DS Datasheet HTML 12Page - Texas Instruments ED555/2DS Datasheet HTML 13Page - Texas Instruments ED555/2DS Datasheet HTML 14Page - Texas Instruments ED555/2DS Datasheet HTML 15Page - Texas Instruments ED555/2DS Datasheet HTML 16Page - Texas Instruments ED555/2DS Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 47 page
background image
www.ti.com
ADS130E08EVM Daughter-Card Hardware Overview
3.2
Clock
The ADS130E08 has an on-chip oscillator circuit that generates a 2.048-MHz clock (nominal). This clock
can vary by ±5% over temperature. For applications that require higher accuracy, the ADS130E08 can
also accept an external clock signal. The ADS130E08 provides an option to test both internal and external
clock configurations. It also provides an option to generate the external clock from either the onboard
oscillator or from an external clock source.
The onboard oscillator is powered by the DVDD supply of the ADS130E08. Care must be taken to ensure
that the external oscillator can operate either with +1.8 V or +3.3 V, depending on the DVDD supply
configuration. Table 4 shows the jumper settings for the three options for the ADS130E08 clocks.
Table 4. CLK Jumper Options
ADS130E08 Clock
Internal Clock
External OSC Clock
External Clock
JP5
Not installed
2-3
1-2
JP6
Don't care
1-2 (disable)
Don't care
J4 - pin 10
Don't care
Don't care
Clock source
A 2.048-MHz oscillator available for the +3.3-V DVDD supply is the FXO-HC735-2.048MHz. For a +1.8-V
DVDD supply, use the SiT8002AC-34-18E-2.048. The EVM is shipped with the external oscillator enabled.
3.3
Reference
The ADS130E08 has an on-chip internal reference circuit that provides reference voltages to the device.
Alternatively, the internal reference can be powered down and VREFP can be applied externally. This
configuration is achieved with the external reference generators (U2 and U3) and driver buffer. These
components (U2, U3, and U4) must be installed by the user; they are not installed at the factory. The
external reference voltage can be set to either 4.096 V or 2.5 V, depending on the analog supply voltage.
Measure TP3 to make sure the external reference is correct and stable. The settings for the external
reference is described in Table 5. This table assumes REF5025 is installed at U2 and REF5040 at U3. A
low-noise amplifier like the OPA350 can be installed at U4.
Table 5. External Reference Jumper Options
Internal Reference
External Reference
ADS130E08 Reference
VREF = 2.5 V
VREF = 4.096 V
VREF = 2.5 V
JP12
Don't care
2-3
1-2
JP2
Not installed
Installed
Installed
3.3.1
Accessing ADS130E08 Analog Supplies
Some ADS130E08 output signals are provided as test points for probing purposes using J4 (not installed
on the board). Table 6 lists the various test signals with the corresponding test points.
Table 6. Auxiliary Connector Test Signals and Test Points
Signal
J4 Pin Number
Signal
Not connected
1
2
GPIO1
Not connected
3
4
GPIO2
PWDN
5
6
GPIO3
Dasiy in
7
8
GPIO4
AGND
9
10
Not connected
13
SBAU202 – June 2012
Performance Demonstration Kit for the ADS130E08
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com