Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WM8533 Datasheet(PDF) 10 Page - Wolfson Microelectronics plc

Part # WM8533
Description  24-bit 192kHz Stereo DAC with 2Vrms Ground Referenced Line Output
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8533 Datasheet(HTML) 10 Page - Wolfson Microelectronics plc

Back Button WM8533 Datasheet HTML 6Page - Wolfson Microelectronics plc WM8533 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8533 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8533 Datasheet HTML 9Page - Wolfson Microelectronics plc WM8533 Datasheet HTML 10Page - Wolfson Microelectronics plc WM8533 Datasheet HTML 11Page - Wolfson Microelectronics plc WM8533 Datasheet HTML 12Page - Wolfson Microelectronics plc WM8533 Datasheet HTML 13Page - Wolfson Microelectronics plc WM8533 Datasheet HTML 14Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 41 page
background image
WM8533
Production Data
w
PD, July 2012, Rev 4.0
10
AUDIO INTERFACE TIMING – SLAVE MODE
Figure 3 Digital Audio Data Timing – Slave Mode
Test Conditions
The following timing information is valid across the full range of recommended operating conditions.
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
Audio Data Input Timing Information
BCLK cycle time
tBCY
27
ns
BCLK pulse width high
tBCH
11
ns
BCLK pulse width low
tBCL
11
ns
LRCLK set-up time to BCLK rising edge
tLRSU
7
ns
LRCLK hold time from BCLK rising edge
tLRH
5
ns
DACDAT hold time from BCLK rising edge
tDH
5
ns
DACDAT set-up time to BCLK rising edge
tDS
7
ns
Table 2 Slave Mode Audio Interface Timing
Note: BCLK period should always be greater than or equal to MCLK period.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com