| Electronic Components Datasheet Search |
|
WM8711CBLGEFL/V Datasheet(PDF) 21 Page - Wolfson Microelectronics plc |
|
|
|||||||||||||||||||||||||||||
WM8711CBLGEFL/V Datasheet(HTML) 21 Page - Wolfson Microelectronics plc |
|
21 / 44 page ![]() Production Data WM8711BL w PD, Rev 4.2, December 2011 2143 CLOCKOUT The Core Clock is internally buffered and made available externally to the audio system on the CLKOUT output pin. CLKOUT provides a replication of the Core Clock, but buffered as suitable for driving external loads. There is no phase inversion between XTI/MCLK, the Core Clock and CLOCKOUT but there will inevitably be some delay. The delay will be dependent on the load that CLOCKOUT drives. Refer to Electrical Characteristics. CLKOUT can also be divided by 2 under software control, refer to Table 7. Note that if CLKOUT is not required then the CLKOUT buffer on the WM8711BL can be safely powered down to conserve power (see POWER DOWN section). If the system architect has the choice between using FCLKOUT = FMCLK or FCLKOUT = FMCLK/2 in the interface, the latter is recommended to conserve power. When the divide by two is selected CLKOUT changes on the rising edge of MCLK. Please refer to Electrical Characteristics for timing information. REGISTER ADDRESS BIT LABEL DEFAULT DESCRIPTION 0001000 Sampling Control 7 CLKODIV2 0 CLKOUT divider select 1 = CLOCKOUT is Core Clock divided by 2 0 = CLOCKOUT is Core Clock Table 7 Programming CLKOUT CLKOUT is disabled and set low whenever the device is in reset. DIGITAL AUDIO INTERFACES WM8711BL may be operated in either one of the 4 offered audio interface modes. These are: Right justified Left justified I 2S DSP mode All four of these modes are MSB first and operate with data 16 to 32 bits, except in right justified mode where 32 bit data is not supported. The digital audio interface receives the digital audio data for the internal DAC digital filters on the DACDAT input. DACDAT is the formatted digital audio data stream output to the DAC digital filters with left and right channels multiplexed together. DACLRC is an alignment clock that controls whether Left or Right channel data is present on DACDAT. DACDAT and DACLRC are synchronous with the BCLK signal with each data bit transition signified by a BCLK transition. DACDAT is always an input. BCLK and DACLRC are either outputs or inputs depending whether the device is in master or slave mode. Refer to the MASTER/SLAVE OPERATION section |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |