Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WM8850GEFL/V Datasheet(PDF) 67 Page - Wolfson Microelectronics plc

Part # WM8850GEFL/V
Description  Multi-Channel High Definition Audio CODEC
PDF  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8850GEFL/V Datasheet(HTML) 67 Page - Wolfson Microelectronics plc

Back Button WM8850GEFL/V Datasheet HTML 63Page - Wolfson Microelectronics plc WM8850GEFL/V Datasheet HTML 64Page - Wolfson Microelectronics plc WM8850GEFL/V Datasheet HTML 65Page - Wolfson Microelectronics plc WM8850GEFL/V Datasheet HTML 66Page - Wolfson Microelectronics plc WM8850GEFL/V Datasheet HTML 67Page - Wolfson Microelectronics plc WM8850GEFL/V Datasheet HTML 68Page - Wolfson Microelectronics plc WM8850GEFL/V Datasheet HTML 69Page - Wolfson Microelectronics plc WM8850GEFL/V Datasheet HTML 70Page - Wolfson Microelectronics plc WM8850GEFL/V Datasheet HTML 71Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 223 page
background image
Pre-Production
WM8850
w
PP, April 2011, Rev 3.2
67
The Digital Converter Verb is supported by the S/PDIF Tx 1 node, allowing selected channel status
information as defined in the HDA Specification to be set. It is also possible to set the remaining bits
of channel status data as defined in IEC-60958-3, using the vendor-specific Tx Channel Status
Control Verb.
SET VERB
BIT
BITFIELD
NAME
DEFAULT
DESCRIPTION
784h
7:4
Channel
Status
[39:36]
0h
Original Sampling Frequency
3:1
Channel
Status
[35:33]
5h
Sample Word Length
0
Channel
Status [32]
1
Max Word Length
783h
7:6
Channel
Status
[31:30]
0h
Channel Status [31:30]
5:4
Channel
Status
[29:28]
0h
Clock Accuracy
3:0
Channel
Status
[27:24]
1h
Sampling Frequency
782h
7:4
Channel
Status
[23:20]
0h
Channel Number for Sub-Frame B
3:0
Channel
Status
[23:20]
0h
Channel Number for Sub-Frame A
781h
7:4
Channel
Status
[19:16]
0h
Source Number
3:2
Channel
Status [7:6]
0h
Channel Status Mode
1:0
Channel
Status [5:4]
0h
Additional De-emphasis information
Notes:
1.
See IEC-60958-3 for full definitions of the channel status bits
2.
The channel number of Sub-Frame B is uniquely configuration – all other channel status bits in
Sub-Frame B have the same value as Sub-Frame A
3.
Remaining channel status bits are set using the Digital Converter Verb as per the HDA
Specification



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com