| Electronic Components Datasheet Search |
|
WM8945 Datasheet(PDF) 27 Page - Wolfson Microelectronics plc |
|
|
|||||||||||||||||||||||||||||
WM8945 Datasheet(HTML) 27 Page - Wolfson Microelectronics plc |
|
27 / 169 page ![]() Production Data WM8945 w PD, May 2011, Rev 4.1 27 DIGITAL MICROPHONE INTERFACE The WM8945 supports a digital microphone interface, using the IN1L input pin for data and a GPIO pin for the data clock. The analogue signal path from the IN1L pin must be disabled when using the digital microphone interface; this is achieved by disabling the input PGA, (i.e. INPPGAL_ENA= 0). The Digital Microphone Input, DMICDAT, is provided on the IN1L/DMICDAT pin. The associated clock, DMICCLK, is provided on a GPIO pin. The Digital Microphone Input is selected as input by setting the DMIC_ENA bit. When the Digital Microphone Input is selected, the ADC input is deselected. The digital microphone interface configuration is illustrated in Figure 11. Note that the digital microphone may be powered from MICBIAS or from LDOVOUT; care must be taken to ensure that the respective digital logic levels of the microphone are compatible with the digital input thresholds of the WM8945. The digital input thresholds are referenced to DBVDD, as defined in “Electrical Characteristics”. Figure 11 Digital Microphone Interface When any GPIO pin is configured as DMICCLK output, the WM8945 outputs a clock which supports Digital Mic operation at the ADC sampling rate. The ADC and Record Path filters must be enabled and the ADC sampling rate must be set in order to ensure correct operation of all DSP functions associated with the digital microphone. Volume control for the Digital Microphone Interface signals is provided using the ADC Volume Control. See “Analogue-to-Digital Converter (ADC)” for details of the ADC Enable and volume control functions. See “General Purpose Input / Output” for details of configuring the DMICCLK output. See “Clocking and Sample Rates” for the details of the sample rate control. When the DMIC_ENA bit is set, then the IN1L pin is used as the digital microphone input DMICDAT. The interface requires that the digital microphone transmits a data bit each time that DMICCLK is high. The WM8945 samples the data in the middle of the ‘high’ DMICCLK clock phase. DMICCLK pin DMICDAT pin MIC output hi-Z Figure 12 Digital Microphone Interface Timing |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |