Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WM8215 Datasheet(PDF) 7 Page - Wolfson Microelectronics plc

Part # WM8215
Description  60MSPS 10-bit 3-Channel CCD Digitiser
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8215 Datasheet(HTML) 7 Page - Wolfson Microelectronics plc

Back Button WM8215 Datasheet HTML 3Page - Wolfson Microelectronics plc WM8215 Datasheet HTML 4Page - Wolfson Microelectronics plc WM8215 Datasheet HTML 5Page - Wolfson Microelectronics plc WM8215 Datasheet HTML 6Page - Wolfson Microelectronics plc WM8215 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8215 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8215 Datasheet HTML 9Page - Wolfson Microelectronics plc WM8215 Datasheet HTML 10Page - Wolfson Microelectronics plc WM8215 Datasheet HTML 11Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
WM8215
Production Data
w
PD, Rev 4.3, September 2012
7
2.
Input signal limits are the limits within which the full-scale input voltage signal must lie.
Test Conditions
AVDD = DVDD1 = DVDD2 = 3.3V, AGND = DGND = 0V, TA = 25C, MCLK = 60MHz unless otherwise stated.
PARAMETER
SYMBOL
TEST
CONDITIONS
MIN
TYP
MAX
UNIT
Offset DAC, Monotonicity Guaranteed
Resolution
8
bits
Differential non-linearity
DNL
0.15
LSB
Integral non-linearity
INL
0.4
LSB
Step size
2.00
mV/step
Output voltage
Code 00(hex)
Code FF(hex)
-255
+255
mV
mV
Programmable Gain Amplifier
Resolution
9
bits
Gain
]
:
[
PGA
*
.
.
0
8
511
34
7
66
0
V/V
Max gain, each channel
GMAX
8
V/V
Min gain, each channel
GMIN
0.66
V/V
Gain error, each channel
3
%
Analogue to Digital Converter
Resolution
10
bits
Speed
60
MSPS
Full-scale input range
(2*(VRT-VRB))
LOWREFS=0
1.9
2
2.2
V
LOWREFS=1
1.2
V
DIGITAL SPECIFICATIONS
Digital Inputs
High level input voltage
VIH
0.7
 DVDD2
V
Low level input voltage
VIL
0.2
 DVDD2
V
High level input current
IIH
1
A
Low level input current
IIL
1
A
Input capacitance
CI
5
pF
Digital Outputs
High level output voltage
VOH
IOH = 1mA
DVDD2 - 0.5
V
Low level output voltage
VOL
IOL = 1mA
0.5
V
High impedance output current
IOZ
1
A
Digital IO Pins
Applied high level input voltage
VIH
0.7
 DVDD2
V
Applied low level input voltage
VIL
0.2
 DVDD2
V
High level output voltage
VOH
IOH = 1mA
DVDD2 - 0.5
V
Low level output voltage
VOL
IOL = 1mA
0.5
V
Low level input current
IIL
1
A
High level input current
IIH
1
A
Input capacitance
CI
5
pF
High impedance output current
IOZ
1
A
Supply Currents
Total supply current
 active
116
mA
Analogue supply current – active
(three channel mode)
105
mA
Digital supply current – active
(three channel mode)
11
mA
Supply current
 full power down
mode
20
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com