Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WM8956 Datasheet(PDF) 21 Page - Wolfson Microelectronics plc

Part # WM8956
Description  Hi-Fi DAC with 1W Stereo Class D Speaker Drivers and Headphone Drivers
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8956 Datasheet(HTML) 21 Page - Wolfson Microelectronics plc

Back Button WM8956_11 Datasheet HTML 17Page - Wolfson Microelectronics plc WM8956_11 Datasheet HTML 18Page - Wolfson Microelectronics plc WM8956_11 Datasheet HTML 19Page - Wolfson Microelectronics plc WM8956_11 Datasheet HTML 20Page - Wolfson Microelectronics plc WM8956_11 Datasheet HTML 21Page - Wolfson Microelectronics plc WM8956_11 Datasheet HTML 22Page - Wolfson Microelectronics plc WM8956_11 Datasheet HTML 23Page - Wolfson Microelectronics plc WM8956_11 Datasheet HTML 24Page - Wolfson Microelectronics plc WM8956_11 Datasheet HTML 25Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 80 page
background image
Production Data
WM8956
w
PD, November 2011, Rev 4.1
21
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
7
RINMUTE
1
Right Input PGA Analogue Mute
1 = Enable Mute
0 = Disable Mute
Note: IPVU must be set to un-mute.
6
RIZC
0
Right Input PGA Zero Cross
Detector
1 = Change gain on zero cross only
0 = Change gain immediately
5:0
RINVOL
[5:0]
010111
( 0dB )
Right Input PGA Volume Control
111111 = +30dB
111110 = +29.25dB
. . 0.75dB steps down to
000000 = -17.25dB
R23 (17h)
Additional
Control (1)
0
TOEN
0
Timeout Enable (Also enables jack
detect debounce clock)
0 = Timeout disabled
1 = Timeout enabled
1
TOCLKSEL
0
Slow Clock Selection (Used for
volume update timeouts and for jack
detect debounce)
0 = SYSCLK / 2
21 (Slower
Response)
1 = SYSCLK / 2
19 (Faster Response)
Table 4 Input PGA Volume Control
See "Volume Updates" for more information on volume update bits, zero cross and timeout operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com