Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FSUSB73 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # FSUSB73
Description  3:1 High-Speed USB Multiplexer and Hub Routing Switch
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSUSB73 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FSUSB73 Datasheet HTML 1Page - Fairchild Semiconductor FSUSB73 Datasheet HTML 2Page - Fairchild Semiconductor FSUSB73 Datasheet HTML 3Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
© 2010 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSUSB73 • Rev. 1.0.2
9
Physical Dimensions
Figure 20. 16-Pin Ultrathin Molded Leadless Package (UMLP)
Order Number
Operating
Temperature Range
Package Description
Packing
Method
FSUSB73UMX
-40 to 85°C
16-Terminal Ultrathin Molded Leadless Package (UMLP)
Tape & Reel
Package drawings are provided as a service to customers considering Fairchild components. Drawings may change in any manner without
notice. Please note the revision and/or date on the drawing and contact a Fairchild Semiconductor representative to verify or obtain the most
recent revision. Package specifications do not expand the terms of Fairchild’s worldwide terms and conditions, specifically the warranty
therein, which covers Fairchild products.
Always visit Fairchild Semiconductor’s online packaging area for the most recent package drawings:
http://www.fairchildsemi.com/packaging/.
RECOMMENDED
LAND PATTERN
NOTES:
A. PACKAGE DOES NOT FULLY CONFORM TO
JEDEC STANDARD.
B. DIMENSIONS ARE IN MILLIMETERS.
C. DIMENSIONS AND TOLERANCES PER
ASME Y14.5M, 1994.
D. LAND PATTERN RECOMMENDATION IS
BASED ON FSC DESIGN ONLY.
E. DRAWING FILENAME: MKT-UMLP16Arev4.
F. TERMINAL SHAPE MAY VARY ACCORDING
TO PACKAGE SUPPLIER, SEE TERMINAL
SHAPE VARIANTS.
SCALE : 2X
LEAD
OPTION 1
SCALE : 2X
LEAD
OPTION 2
PIN#1 IDENT
PIN#1 IDENT
PACKAGE
EDGE
TOP VIEW
BOTTOM VIEW
0.10 C
0.08 C
2.60
1.80
0.10 C
2X
2X
SIDE VIEW
0.10 C
0.05
0.00
0.10 C A B
0.05 C
0.55 MAX.
0.40
1
5
9
13
16
2.10
2.90
0.40
0.663
0.563
0.225
1
(15X)
(16X)
0.152
0.40
0.60
0.10
0.30
0.50
0.10
TERMINAL SHAPE VARIANTS
0.15
0.25
15X
PIN 1
NON-PIN 1
0.15
0.25
15X
0.30
0.50
0.15
0.25
0.30
0.50
0.15
0.25
15X
15X
Supplier 1
Supplier 2
PIN 1
NON-PIN 1
A B
C
SEATING
PLANE
0.45
0.35
0.55
0.45
0.25
0.15
R0.20



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com