Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WM8980CGEFL/RV Datasheet(PDF) 66 Page - Wolfson Microelectronics plc

Part # WM8980CGEFL/RV
Description  Stereo CODEC with Speaker Driver and Video Buffer
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8980CGEFL/RV Datasheet(HTML) 66 Page - Wolfson Microelectronics plc

Back Button WM8980CGEFL/RV Datasheet HTML 62Page - Wolfson Microelectronics plc WM8980CGEFL/RV Datasheet HTML 63Page - Wolfson Microelectronics plc WM8980CGEFL/RV Datasheet HTML 64Page - Wolfson Microelectronics plc WM8980CGEFL/RV Datasheet HTML 65Page - Wolfson Microelectronics plc WM8980CGEFL/RV Datasheet HTML 66Page - Wolfson Microelectronics plc WM8980CGEFL/RV Datasheet HTML 67Page - Wolfson Microelectronics plc WM8980CGEFL/RV Datasheet HTML 68Page - Wolfson Microelectronics plc WM8980CGEFL/RV Datasheet HTML 69Page - Wolfson Microelectronics plc WM8980CGEFL/RV Datasheet HTML 70Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 123 page
background image
WM8980
Pre-Production
w
PP, Rev 3.8, May 2012
66
OUTPUT PHASING
The relative phases of the analogue outputs will depend upon the following factors:
1.
DACPOLL and DACPOLR invert bits: Setting these bits to 1 will invert the DAC output.
2.
Mixer configuration: The polarity of the signal will depend upon the route through the mixer path.
For example, DACL can be directly input to the OUT3 mixer, giving a 180° phase shift at the
OUT3 mixer output. However, if DACL is input to the OUT3 mixer via the left mixer, an
additional phase shift will be introduced, giving 0° phase shift at the OUT3 mixer output.
3.
Output boost set-up: When 1.5x boost is enabled on an output, no phase shift occurs. When
1.5x boost is not enabled, a 180° phase shift occurs.
Figure 26 shows where these phase inversions can occur in the output signal path.
Figure 34 Output Signal Path Phasing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com