Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WM8985 Datasheet(PDF) 91 Page - Wolfson Microelectronics plc

Part # WM8985
Description  Multimedia CODEC with Class D Headphone and Line Out
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8985 Datasheet(HTML) 91 Page - Wolfson Microelectronics plc

Back Button WM8985_09 Datasheet HTML 87Page - Wolfson Microelectronics plc WM8985_09 Datasheet HTML 88Page - Wolfson Microelectronics plc WM8985_09 Datasheet HTML 89Page - Wolfson Microelectronics plc WM8985_09 Datasheet HTML 90Page - Wolfson Microelectronics plc WM8985_09 Datasheet HTML 91Page - Wolfson Microelectronics plc WM8985_09 Datasheet HTML 92Page - Wolfson Microelectronics plc WM8985_09 Datasheet HTML 93Page - Wolfson Microelectronics plc WM8985_09 Datasheet HTML 94Page - Wolfson Microelectronics plc WM8985_09 Datasheet HTML 95Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 121 page
background image
Production Data
WM8985
w
PD, Rev 4.6, July 2009
91
VMID
The analogue circuitry will not operate unless VMID is enabled. The impedance of the VMID resistor
string, together with the decoupling capacitor on the VMID pin will determine the start-up time of the
VMID circuit.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R1 (01h)
Power
management 1
1:0
VMIDSEL
00
Reference string impedance to VMID pin
00 = off (250kΩ VMID to AGND1)
01=75kΩ
10=300kΩ
11=5kΩ
Table 51 VMID Impedance Control
BIASEN
The analogue amplifiers will not operate unless BIASEN is enabled.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R1 (01h)
Power
management 1
3
BIASEN
0
Analogue amplifier bias control
0 = disabled
1 = enabled
Table 52 Analogue Bias Control
POP MINIMISATION
POBCTRL
WM8985 has two bias generators. A noisy bias derived from AVDD and a low noise bias derived
from VMID. POBCTRL is use to switch between the two bias generators. During power up, the
AVDD derived bias is available as soon as AVDD is applied; the VMID derived bias is available once
the VMID node has charged up.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R42
OUT4 to ADC
2
POB
CTRL
0
VMID independent current bias control
0 = Disable VMID independent current
bias
1 = Enable VMID independent current bias
Note:
POBCTRL should be asserted during power up to minimize pops and then de-
asserted at the end of the power up sequence to give best performance. Refer to
Recommended Power Up/Down



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com