Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WM9001GEFL/R Datasheet(PDF) 13 Page - Wolfson Microelectronics plc

Part # WM9001GEFL/R
Description  1W Dual-Mode Class AB/D Speaker Driver
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9001GEFL/R Datasheet(HTML) 13 Page - Wolfson Microelectronics plc

Back Button WM9001GEFL/R Datasheet HTML 9Page - Wolfson Microelectronics plc WM9001GEFL/R Datasheet HTML 10Page - Wolfson Microelectronics plc WM9001GEFL/R Datasheet HTML 11Page - Wolfson Microelectronics plc WM9001GEFL/R Datasheet HTML 12Page - Wolfson Microelectronics plc WM9001GEFL/R Datasheet HTML 13Page - Wolfson Microelectronics plc WM9001GEFL/R Datasheet HTML 14Page - Wolfson Microelectronics plc WM9001GEFL/R Datasheet HTML 15Page - Wolfson Microelectronics plc WM9001GEFL/R Datasheet HTML 16Page - Wolfson Microelectronics plc WM9001GEFL/R Datasheet HTML 17Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
Production Data
WM9001
w
PD, March 2010, Rev 4.1
13
EFFICIENCY
Typical Efficiency versus output power curves are provided below for both class AB and class D
modes.
CLASS AB
CLASS D
WM9001 Class AB Efficiency
AVDD=3.3V, SPKVDD=5.0V, BSEL[2:0]=011 (x1.52)
0
10
20
30
40
50
60
70
80
90
100
0
200
400
600
800
1000
1200
1400
Output Power (mW)
Differential Mode
Single-Ended Mode
WM9001 Class D Efficiency
AVDD=3.3V, SPKVDD=5.0V, BSEL[2:0]=011 (x1.52)
0
10
20
30
40
50
60
70
80
90
100
0
200
400
600
800
1000
1200
1400
Output Power (mW)
Differential Mode
Single-Ended Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com