Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WM9010ECSN/R Datasheet(PDF) 7 Page - Wolfson Microelectronics plc

Part # WM9010ECSN/R
Description  Low Power, Class G Stereo Headphone Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9010ECSN/R Datasheet(HTML) 7 Page - Wolfson Microelectronics plc

Back Button WM9010ECSN/R Datasheet HTML 3Page - Wolfson Microelectronics plc WM9010ECSN/R Datasheet HTML 4Page - Wolfson Microelectronics plc WM9010ECSN/R Datasheet HTML 5Page - Wolfson Microelectronics plc WM9010ECSN/R Datasheet HTML 6Page - Wolfson Microelectronics plc WM9010ECSN/R Datasheet HTML 7Page - Wolfson Microelectronics plc WM9010ECSN/R Datasheet HTML 8Page - Wolfson Microelectronics plc WM9010ECSN/R Datasheet HTML 9Page - Wolfson Microelectronics plc WM9010ECSN/R Datasheet HTML 10Page - Wolfson Microelectronics plc WM9010ECSN/R Datasheet HTML 11Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Production Data
WM9010
w
PD, February 2011, Rev 4.0
7
DEVICE DESCRIPTION
INTRODUCTION
The WM9010 is a low power stereo headphone driver designed for mobile handset and portable
media player (PMP) applications. It is packaged in a 12-pin CSP.
The device comprises two analogue input pins, each accepting line signals up to 1Vrms. The signal
path gain is fixed at 0dB. The headphone output drivers deliver up to 28mW into a 32Ω load.
The WM9010 incorporates Class G technology to achieve high efficiency and low quiescent current.
An integrated charge pump circuit is used to generate the split (positive and negative) power rails
from a single VDD supply. The ground-referenced headphone driver design reduces the device
power consumption and also eliminates external DC-blocking capacitors on the audio output path.
The WM9010 is enabled when a logic high level is detected on ENA. Note that the ENA pin can
support digital logic levels up to 2.7V.
Wolfson’s Silent Switch™ technology is incorporated in order to minimise ‘pop’ noise whenever the
WM9010 is enabled or disabled.
A power on reset circuit ensures correct start-up and shut-down when VDD is switched on or off. The
WM9010 is held in reset when the ENA pin is held low, offering a low-power standby state.
Short circuit and thermal protection is also provided.
HEADPHONE DRIVER
The WM9010 has two analogue input pins, INL and INR. The input signals are referenced to the
INREF pin, which is provided as a quiet ground reference connection. The maximum analogue input
signal level varies with VDD, but is typically 0dBV (1Vrms) when VDD = 1.8V. This is suitable for
single-ended connection to line level input signals.
The headphone output drivers are capable of driving up to 28mW into a 32Ω load such as a stereo
headset or headphones. The outputs are ground-referenced, eliminating any requirement for AC
coupling capacitors. This is achieved by having separate positive and negative supply rails powered
by an on-chip charge pump.
A pop-suppression circuit ensures that DC offsets are minimised, suppressing ‘pop’ noise and
reducing power consumption. To obtain optimal DC offsets, the device should be powered on with no
signal on the input pins.
It is recommended to connect a zobel network to the headphone output pins HPOUTL and HPOUTR
for best audio performance in all applications. The components of the zobel network have the effect
of dampening high frequency oscillations or instabilities that can arise outside the audio band under
certain conditions. Possible sources of these instabilities include the inductive load of a headphone
coil or an active load in the form of an external line amplifier. The capacitance of lengthy cables or
PCB tracks can also lead to amplifier instability. The zobel network should comprise of a 20
Ω resistor
and 100nF capacitor in series with each other, as illustrated in Figure 1.
Figure 1 External Connections for HPOUTL and HPOUTR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com