Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WM9712L Datasheet(PDF) 21 Page - Wolfson Microelectronics plc

Part # WM9712L
Description  AC??7 Audio and Touchpanel CODEC
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9712L Datasheet(HTML) 21 Page - Wolfson Microelectronics plc

Back Button WM9712L_11 Datasheet HTML 17Page - Wolfson Microelectronics plc WM9712L_11 Datasheet HTML 18Page - Wolfson Microelectronics plc WM9712L_11 Datasheet HTML 19Page - Wolfson Microelectronics plc WM9712L_11 Datasheet HTML 20Page - Wolfson Microelectronics plc WM9712L_11 Datasheet HTML 21Page - Wolfson Microelectronics plc WM9712L_11 Datasheet HTML 22Page - Wolfson Microelectronics plc WM9712L_11 Datasheet HTML 23Page - Wolfson Microelectronics plc WM9712L_11 Datasheet HTML 24Page - Wolfson Microelectronics plc WM9712L_11 Datasheet HTML 25Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 78 page
background image
Production Data
WM9712L
w
PD, Rev 4.6, November 2011
21
RECORD GAIN
The amplitude of the signal that enters the audio ADC is controlled by the Record PGA
(Programmable Gain Amplifier). The PGA gain can be programmed either by writing to the Record
Gain register, or by the Automatic Level Control (ALC) circuit (see next section). When the ALC is
enabled, any writes to the Record Gain register have no effect.
Two different gain ranges can be implemented: the standard gain range defined in the AC’97
standard, or an extended gain range with smaller gain steps. The ALC circuit always uses the
extended gain range, as this has been found to result in better sound quality.
The output of the Record PGA can also be mixed into the phone and/or headphone outputs (see
“Audio Mixers”). This makes it possible to use the ALC function for the microphone signal in a
smartphone application.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
1Ch
Record Gain
15
RMU
1
Mute Audio ADC (both channels)
1: Mute (OFF)
0: No Mute (ON)
14
GRL
0
Gain range select (left)
0: Standard (0 to 22.5dB, 1.5dB step size)
1: Extended (-17.25 to +30dB, 0.75dB steps)
13:8
RECVOLL
000000
Record Volume (left)
Standard (GRL=0)
Extended (GRL=1)
XX0000: 0dB
XX0001: +1.5dB
… (1.5dB steps)
XX1111: +22.5dB
000000: -17.25dB
000001: -16.5dB
… (0.75dB steps)
111111: +30dB
7
ZC
0
Zero Cross Enable
0: Record Gain changes immediately
1: Record Gain changes when signal is zero
or after time-out
6
GRR
0
Gain range select (right)
Similar to GRL
5:0
RECVOLR
000000
Record Volume (right)
Similar to RECVOLL
Table 8 Record Gain Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com