Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WM8310 Datasheet(PDF) 99 Page - Wolfson Microelectronics plc

Part # WM8310
Description  Processor Power Management Subsystem
PDF  291 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8310 Datasheet(HTML) 99 Page - Wolfson Microelectronics plc

Back Button WM8310 Datasheet HTML 95Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 96Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 97Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 98Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 99Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 100Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 101Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 102Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 103Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 291 page
background image
Pre-Production
WM8310
w
PP, May 2012, Rev 3.1
99
16 CURRENT SINKS
16.1 GENERAL DESCRIPTION
The WM8310 provides two Current Sinks, ISINK1 and ISINK2. These are programmable constant-
current sinks designed to drive strings of serially connected LEDs, including white LEDs used in
display backlight applications.
The WM8310 Boost Converter, DC-DC4, is designed as a power source for LED strings. Driving
LEDs in this way is particularly power efficient because no series resistor is required. The Boost
Converter can generate voltages higher than the Battery, Wall or USB supply, producing the
necessary combined forward voltages of long LED strings. See Section 15.15.3 for details of DC-DC4
operation.
16.2 CURRENT SINK CONTROL
The configuration of the Current Sinks is described in the following sections.
16.2.1
ENABLING THE SINK CURRENT
In the ON power state, the Current Sinks ISINK1 and ISINK2 can be enabled in software using the
CS1_ENA and CS2_ENA register fields as defined in Table 48. When the Current Sinks are enabled,
the drive current is controlled by the CS1_DRIVE and CS2_DRIVE bits. Note that the Current Sinks
permit current flow only when the applicable CSn_ENA and CSn_DRIVE bits are both set.
The WM8310 Boost Converter, DC-DC4, is the recommended power source for the Current Sinks.
The recommended switch-on sequence is as follows:
Enable Current Sink and Current Drive (CSn_ENA = 1; CSn_DRIVE = 1)
Enable Boost Converter (DC4_ENA = 1)
The status of the Current Sinks in the SLEEP power state are controlled by CS1_SLPENA and
CS2_SLPENA, as described in Table 48. The Current Sinks may either be disabled in SLEEP or
remain under control of the applicable CSn_ENA register bit.
If a Current Sink is disabled in SLEEP, then the applicable CSn_DRIVE bit is automatically reset to 0
as part of the SLEEP transition sequence. Note that the CSn_DRIVE bit will remain reset at 0
following a WAKE transition; the Current Sink can only be re-enabled by writing to the applicable
CSn_DRIVE register bit.
If both Current Sinks are disabled in SLEEP, then DC4 can also be disabled in SLEEP, by setting
DC4_SLPENA = 0, as described in Section 15.4.2. If DC4 is not disabled, then it is important that
CSn_ENA also remains set in the SLEEP power state.
The recommended switch-off sequence for DC-DC4 and the Current Sinks is as follows:
Disable Current Drive (CSn_DRIVE = 0)
Disable Boost Converter (DC4_ENA = 0)
Disable Current Sink (CSn_ENA = 0)
Note that this switch-off sequence is important in order to avoid forward-biasing on-chip ESD
protection diodes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com