Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WM8523GEFL/V Datasheet(PDF) 34 Page - Wolfson Microelectronics plc

Part # WM8523GEFL/V
Description  24-bit 192kHz Stereo DAC with 2Vrms Ground Referenced Line Output
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8523GEFL/V Datasheet(HTML) 34 Page - Wolfson Microelectronics plc

Back Button WM8523GEFL/V Datasheet HTML 30Page - Wolfson Microelectronics plc WM8523GEFL/V Datasheet HTML 31Page - Wolfson Microelectronics plc WM8523GEFL/V Datasheet HTML 32Page - Wolfson Microelectronics plc WM8523GEFL/V Datasheet HTML 33Page - Wolfson Microelectronics plc WM8523GEFL/V Datasheet HTML 34Page - Wolfson Microelectronics plc WM8523GEFL/V Datasheet HTML 35Page - Wolfson Microelectronics plc WM8523GEFL/V Datasheet HTML 36Page - Wolfson Microelectronics plc WM8523GEFL/V Datasheet HTML 37Page - Wolfson Microelectronics plc WM8523GEFL/V Datasheet HTML 38Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 51 page
background image
WM8523
Production Data
w
PD, Rev 4.1, August 2011
34
POWER DOMAINS
Figure 26 Power Domain Diagram
Power Domain
Name
Blocks Using
This Domain
Domain Description
DAC Power Supplies
3.3V ± 10%
AVDD
Line Driver
DAC
DC Servo
Analogue Supply
3.3V ± 10%
LINEVDD
Charge Pump
Digital LDO
Digital Pad buffers
Analogue Supply
Internally Generated Power Supplies and References
1.65V ± 10%
VMID
DAC, LDO
Ext decoupled resistor string
-3.3V ± 10%
CPVOUTN
Line Driver
Charge pump generated voltage
Table 23 Power Domains



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com