Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPXD1005VLQ64R Datasheet(PDF) 82 Page - Freescale Semiconductor, Inc

Part # MPXD1005VLQ64R
Description  PXD10 Microcontroller
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPXD1005VLQ64R Datasheet(HTML) 82 Page - Freescale Semiconductor, Inc

Back Button MPXD1005VLQ64R Datasheet HTML 78Page - Freescale Semiconductor, Inc MPXD1005VLQ64R Datasheet HTML 79Page - Freescale Semiconductor, Inc MPXD1005VLQ64R Datasheet HTML 80Page - Freescale Semiconductor, Inc MPXD1005VLQ64R Datasheet HTML 81Page - Freescale Semiconductor, Inc MPXD1005VLQ64R Datasheet HTML 82Page - Freescale Semiconductor, Inc MPXD1005VLQ64R Datasheet HTML 83Page - Freescale Semiconductor, Inc MPXD1005VLQ64R Datasheet HTML 84Page - Freescale Semiconductor, Inc MPXD1005VLQ64R Datasheet HTML 85Page - Freescale Semiconductor, Inc MPXD1005VLQ64R Datasheet HTML 86Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 130 page
background image
Electrical characteristics
PXD10 Microcontroller Data Sheet, Rev. 1
Freescale Semiconductor
82
Table 34. I/O supply segment
Package
Supply segment
A1
NOTES:
1 LCD pad segment containing pad supplies V
DDE_A
B2
2 Miscellaneous pad segment containing pad supplies V
DDE_B
C3,4
3 ADC pad segment containing pad supplies V
DDE_C
4 V
DDE_C should be the same as VDDA with a 100 mV variation, i.e., VDDE_C = VDDA 100 mV.
D5
5 Stepper Motor pad segment containing I/O supplies V
DDMA, VDDMB, VDDMC
E6
6 Miscellaneous pad segment containing pad supplies V
DDE_E
144 LQFP
pins 1–21
pins 113–144
pins 22– 52
pins 53–72
pins 73–102
pins 103–112
176 LQFP
pins 1–21
pins 143–176
pins 22–68
pins 69–88
pins 89–118
pins 119–142
Table 35. I/O consumption
Symbol
C
Parameter
Conditions1
Value
Unit
Min
Typ
Max
ISWTSLW CC D Dynamic I/O current for SLOW
configuration
CL = 25 pF,
VDD = 5.0 V ±10%, PAD3V5V = 0
——
20
mA
DCL = 25 pF,
VDD = 3.3 V ±10%, PAD3V5V = 1
——
16
ISWTMED CC D Dynamic I/O current for MEDIUM
configuration
CL = 25 pF,
VDD = 5.0 V ±10%, PAD3V5V = 0
——
29
mA
DCL = 25 pF,
VDD = 3.3 V ±10%, PAD3V5V = 1
——
17
ISWTFST
CC D Dynamic I/O current for FAST
configuration
CL = 25 pF,
VDD = 5.0 V ±10%, PAD3V5V = 0
——
110
mA
DCL = 25 pF,
VDD = 3.3 V ±10%, PAD3V5V = 1
——
50
IRMSSLW CC D Root mean square I/O current for
SLOW configuration
CL = 25 pF, 2 MHz
VDD = 5.0 V ±10%, PAD3V5V = 0
——
2.3
mA
DCL = 25 pF, 4 MHz
VDD = 5.0 V ±10%, PAD3V5V = 0
——
3.2
DCL = 100 pF, 2 MHz
VDD = 5.0 V ±10%, PAD3V5V = 0
——
6.6
DCL = 25 pF, 2 MHz
VDD = 3.3 V ±10%, PAD3V5V = 1
——
1.6
DCL = 25 pF, 4 MHz
VDD = 3.3 V ±10%, PAD3V5V = 1
——
2.3
DCL = 100 pF, 2 MHz
VDD = 3.3 V ±10%, PAD3V5V = 1
——
4.7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com