Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPXD3010VMM1R Datasheet(PDF) 78 Page - Freescale Semiconductor, Inc

Part # MPXD3010VMM1R
Description  PXS30 Microcontroller
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPXD3010VMM1R Datasheet(HTML) 78 Page - Freescale Semiconductor, Inc

Back Button MPXD3010VMM1R Datasheet HTML 74Page - Freescale Semiconductor, Inc MPXD3010VMM1R Datasheet HTML 75Page - Freescale Semiconductor, Inc MPXD3010VMM1R Datasheet HTML 76Page - Freescale Semiconductor, Inc MPXD3010VMM1R Datasheet HTML 77Page - Freescale Semiconductor, Inc MPXD3010VMM1R Datasheet HTML 78Page - Freescale Semiconductor, Inc MPXD3010VMM1R Datasheet HTML 79Page - Freescale Semiconductor, Inc MPXD3010VMM1R Datasheet HTML 80Page - Freescale Semiconductor, Inc MPXD3010VMM1R Datasheet HTML 81Page - Freescale Semiconductor, Inc MPXD3010VMM1R Datasheet HTML 82Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 139 page
background image
PXS30 Microcontroller Data Sheet, Rev. 1
Preliminary—Subject to Change Without Notice
Electrical characteristics
Freescale Semiconductor
78
3.9
Supply current characteristics
3.10
Temperature sensor electrical characteristics
Table 19. Current consumption characteristics1
NOTES:
1 Applies to T
J = –40 °C to 150 °C.
No.
Symbol
Parameter
Conditions
Min
Typ
Max Unit
1IDD_LV
CC Maximum run IDD
(incl. digital core logic
and analog block of
the LV rail)
VDD_LV = 1.36 V, fCore = 180 MHz, 1:2
Mode, DPM, both cores executing EMC test
code, internal VREG mode, all caches
enabled, code execution of core 0 from
code flash 0, code execution of core 1 from
code flash 1, FMPLL_1 active at 120 MHz.
—
600
900
mA
2IDD_LV_PLL
CC Maximum run IDD for
each PLL2
2 Total current on I
DD_LV_PLL needs to be multiplied with the number of active PLLs.
VDD_LV_PLL = 1.36 V, fVCO running at
maximum frequency.
—1.5
2
mA
3IDD_HV_FLA
CC Maximum run IDD
Flash
VDD_HV_FLA = 3.6 V, DPM, both cores
executing EMC test code, code execution of
core 0 from code flash 0, code execution of
core 1 from code flash 1.
—20
30
mA
4IDD_HV_OSC
CC Maximum run IDD
OSC
fOSC 4 MHz to 40 MHz,
VDD_HV_OSC 3.6 V
—1
3
mA
5IDD_HV_ADV
CC Maximum run IDD for
each ADC3
3 Total current on I
DD_HV_ADV needs to be multiplied with the number of active ADCs.
VDD_HV_ADV =3.6 V
—2
4
mA
6IDD_HV_ADR02
4
4 257 MAPBGA only.
CC Maximum reference
IDD
5
5 Total current on I
DD_HV_ADRxx is the sum of both references if both ADCs are powered on.
ADC0 powered on6
6 ADC0 includes 0.7 mA dissipation for the temperature sensor (TSENS).
——
2mA
ADC2 powered on
——
1.2
mA
7IDD_HV_ADR13
4 CC Maximum reference
IDD
5
ADC1 powered on
——
1.2
mA
ADC3 powered on
——
1.2
mA
8IDD_HV_ADR0
7
7 473 MAPBGA only.
CC Maximum reference
IDD
ADC0 powered on6
——
2mA
9IDD_HV_ADR1
7 CC Maximum reference
IDD
ADC1 powered on
——
1.2
mA
10 IDD_HV_ADR23
7 CC Maximum reference
IDD
5
ADC2 powered on
——
1.2
mA
ADC3 powered on
——
1.2
mA
Table 20. Temperature sensor electrical characteristics
Symbol
Parameter
Conditions
Min
Max
Unit
1—
P Accuracy
TJ = –40 °C to TA = 125 °C
–10
10
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com