Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPXD3010VMM1R Datasheet(PDF) 123 Page - Freescale Semiconductor, Inc

Part # MPXD3010VMM1R
Description  PXS30 Microcontroller
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPXD3010VMM1R Datasheet(HTML) 123 Page - Freescale Semiconductor, Inc

Back Button MPXD3010VMM1R Datasheet HTML 119Page - Freescale Semiconductor, Inc MPXD3010VMM1R Datasheet HTML 120Page - Freescale Semiconductor, Inc MPXD3010VMM1R Datasheet HTML 121Page - Freescale Semiconductor, Inc MPXD3010VMM1R Datasheet HTML 122Page - Freescale Semiconductor, Inc MPXD3010VMM1R Datasheet HTML 123Page - Freescale Semiconductor, Inc MPXD3010VMM1R Datasheet HTML 124Page - Freescale Semiconductor, Inc MPXD3010VMM1R Datasheet HTML 125Page - Freescale Semiconductor, Inc MPXD3010VMM1R Datasheet HTML 126Page - Freescale Semiconductor, Inc MPXD3010VMM1R Datasheet HTML 127Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 139 page
background image
Electrical characteristics
PXS30 Microcontroller Data Sheet, Rev. 1
Preliminary—Subject to Change Without Notice
Freescale Semiconductor
123
3.22.8
Fast ethernet interface
MII signals use CMOS signal levels compatible with devices operating at either 5.0 V or 3.3 V. Signals
are not TTL compatible. They follow the CMOS electrical characteristics.
3.22.8.1
MII receive signal timing (RXD[3:0], RX_DV, RX_ER, and RX_CLK)
The receiver functions correctly up to a RX_CLK maximum frequency of 25 MHz +1%. There is no
minimum frequency requirement. In addition, the system clock frequency must exceed four times the
RX_CLK frequency.
2tPDI_IS
SR Input setup time1
—3
—
ns
3tPDI_IH
SR Input hold time1
—3
—
ns
NOTES:
1 Data can be captured at both launching and capturing edge of PDI_CLK.
PDI timing
Table 69. MII receive signal timing
No.
Parameter
Min
Max
Unit
1
RXD[3:0], RX_DV, RX_ER to RX_CLK setup
5—
ns
2
RX_CLK to RXD[3:0], RX_DV, RX_ER hold
5—
ns
3
RX_CLK pulse width high
40%
60%
RX_CLK period
4
RX_CLK pulse width low
40%
60%
RX_CLK period
Table 68. PDI electrical characteristics (continued)
No.
Symbol
Parameter
Conditions
Min
Max
Unit
PDI_CLOCK
2
3
PDI_DATA[15:0]
Input Data Valid
PDI_LINE_V
PDI_FRAME_V
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com