Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPXD3010VMM2R Datasheet(PDF) 17 Page - Freescale Semiconductor, Inc

Part # MPXD3010VMM2R
Description  PXS30 Microcontroller
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPXD3010VMM2R Datasheet(HTML) 17 Page - Freescale Semiconductor, Inc

Back Button MPXD3010VMM2R Datasheet HTML 13Page - Freescale Semiconductor, Inc MPXD3010VMM2R Datasheet HTML 14Page - Freescale Semiconductor, Inc MPXD3010VMM2R Datasheet HTML 15Page - Freescale Semiconductor, Inc MPXD3010VMM2R Datasheet HTML 16Page - Freescale Semiconductor, Inc MPXD3010VMM2R Datasheet HTML 17Page - Freescale Semiconductor, Inc MPXD3010VMM2R Datasheet HTML 18Page - Freescale Semiconductor, Inc MPXD3010VMM2R Datasheet HTML 19Page - Freescale Semiconductor, Inc MPXD3010VMM2R Datasheet HTML 20Page - Freescale Semiconductor, Inc MPXD3010VMM2R Datasheet HTML 21Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 139 page
background image
Introduction
PXS30 Microcontroller Data Sheet, Rev. 1
Preliminary—Subject to Change Without Notice
Freescale Semiconductor
17
•
Collection of test results
•
Configurable and graded fault control
— Internal reactions (no internal reaction, NMI, reset, or safe mode)
— External reaction (failure is reported to the outside world via configurable output pins)
1.5.24
System Integration Unit Lite (SIUL)
The SIUL controls MCU reset configuration, pad configuration, external interrupt, general purpose I/O
(GPIO), internal peripheral multiplexing, and the system reset operation. The reset configuration block
contains the external pin boot configuration logic. The pad configuration block controls the static electrical
characteristics of I/O pins. The GPIO block provides uniform and discrete input/output control of the I/O
pins of the MCU.
The SIUL provides the following features:
•
Centralized pad control on per-pin basis
— Pin function selection
— Configurable weak pullup/pulldown
— Configurable slew rate control (slow/medium/fast)
— Hysteresis on GPIO pins
— Configurable automatic safe mode pad control
•
Input filtering for external interrupts
1.5.25
Cyclic Redundancy Checker (CRC) unit
The CRC module is a configurable multiple data flow unit to compute CRC signatures on data written to
an input register.
The CRC unit has the following features:
•
Three sets of registers to allow three concurrent contexts with possibly different CRC
computations, each with a selectable polynomial and seed
•
Computes 16- or 32-bit wide CRC on the fly (single-cycle computation) and stores the result in an
internal register
•
Implements the following standard CRC polynomials:
— x16 + x12 + x5 + 1 [16-bit CRC-CCITT]
— x32 + x26 + x23 + x22 + x16 + x12 + x11 + x10 + x8 + x7 + x5 + x4 + x2 + x + 1
[32-bit CRC-ethernet(32)]
•
Key engine to be coupled with communication periphery where CRC application is added to allow
implementation of safe communication protocol
•
Offloads the core from cycle-consuming CRC and helps in checking the configuration signature
for safe start-up or periodic procedures
•
Connected as a peripheral on the internal peripheral bus
•
Provides DMA support



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com