| Electronic Components Datasheet Search |
|
STM32F205VG Datasheet(PDF) 19 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F205VG Datasheet(HTML) 19 Page - STMicroelectronics |
|
19 / 177 page ![]() STM32F20xxx Description Doc ID 15818 Rev 9 19/177 2.2.5 CRC (cyclic redundancy check) calculation unit The CRC (cyclic redundancy check) calculation unit is used to get a CRC code from a 32-bit data word and a fixed generator polynomial. Among other applications, CRC-based techniques are used to verify data transmission or storage integrity. In the scope of the EN/IEC 60335-1 standard, they offer a means of verifying the Flash memory integrity. The CRC calculation unit helps compute a software signature during runtime, to be compared with a reference signature generated at link-time and stored at a given memory location. 2.2.6 Embedded SRAM All STM32F20x products embed: ● Up to 128 Kbytes of system SRAM accessed (read/write) at CPU clock speed with 0 wait states ● 4 Kbytes of backup SRAM. The content of this area is protected against possible unwanted write accesses, and is retained in Standby or VBAT mode. 2.2.7 Multi-AHB bus matrix The 32-bit multi-AHB bus matrix interconnects all the masters (CPU, DMAs, Ethernet, USB HS) and the slaves (Flash memory, RAM, FSMC, AHB and APB peripherals) and ensures a seamless and efficient operation even when several high-speed peripherals work simultaneously. Figure 5. Multi-AHB matrix ARM Cortex-M3 GP DMA1 GP DMA2 MAC Ethernet USB OTG HS Bus matrix-S S0 S1 S2 S3 S4 S5 S6 S7 ICODE DCODE Flash memory SRAM 112 Kbyte SRAM 16 Kbyte AHB1 periph AHB2 periph FSMC Static MemCtl M0 M1 M2 M3 M4 M5 M6 ai15963c APB1 APB2 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |