Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ILX503 Datasheet(PDF) 4 Page - Sony Corporation

Part # ILX503
Description  2048-pixel CCD Linear Image Sensor (B/W)
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

ILX503 Datasheet(HTML) 4 Page - Sony Corporation

  ILX503 Datasheet HTML 1Page - Sony Corporation ILX503 Datasheet HTML 2Page - Sony Corporation ILX503 Datasheet HTML 3Page - Sony Corporation ILX503 Datasheet HTML 4Page - Sony Corporation ILX503 Datasheet HTML 5Page - Sony Corporation ILX503 Datasheet HTML 6Page - Sony Corporation ILX503 Datasheet HTML 7Page - Sony Corporation ILX503 Datasheet HTML 8Page - Sony Corporation ILX503 Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
– 4 –
ILX503A
Item
Input capacity of
φCLK pin
Input capacity of
φROG pin
Input capacity of EXRS pin
Min.
—
—
—
Typ.
10
10
10
Max.
—
—
—
Unit
pF
pF
pF
Symbol
C
φCLK
C
φROG
CEXRS
Input Capacity of Pins
Parameter
Input clock high level
Input clock low level
Min.
4.5
0.0
Typ.
5.0
—
Max.
5.5
0.5
Unit
V
V
Recommended Input Pulse Voltage
Item
VDD1
VDD2
Min.
8.5
4.75
Typ.
9.0
5.0
Max.
9.5
5.25
Unit
V
V
Recommended Voltage
Note) Rules for raising and lowering power supply voltage
To raise power supply voltage, first raise VDD1(9V) and then VDD2 (5V).
To lower voltage, first lower VDD2 (5V) and then VDD1 (9V).
Mode Description
Pin condition
Internal
Externel
21 pin EXRS
VDD2
VDD2
φRS
19 pin RSSW
GND
GND
VDD2
4 pin SHSW
S/H
RS
GND
VDD2
VDD2
Yes
No
No
Mode Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com