Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DEMM9SF Datasheet(PDF) 125 Page - ITT Industries

Part # DEMM9SF
Description  D Subminiature Connectors
PDF  301 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

DEMM9SF Datasheet(HTML) 125 Page - ITT Industries

Back Button DEMM9SF Datasheet HTML 121Page - ITT Industries DEMM9SF Datasheet HTML 122Page - ITT Industries DEMM9SF Datasheet HTML 123Page - ITT Industries DEMM9SF Datasheet HTML 124Page - ITT Industries DEMM9SF Datasheet HTML 125Page - ITT Industries DEMM9SF Datasheet HTML 126Page - ITT Industries DEMM9SF Datasheet HTML 127Page - ITT Industries DEMM9SF Datasheet HTML 128Page - ITT Industries DEMM9SF Datasheet HTML 129Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 301 page
background image
Dimensions are shown in mm (inch)
Dimensions subject to change
124
D Subminiature
Filter D
D*JT Combo — High Power 90
°
Plug
Reader’s Resource
For contact cavity arrangements,
see page 222.
For P.C. hole patterns, see page 250.
For panel cutouts, see page 221.
For hardware views (European),
see page 227.
A
C
B
E
D
A1
A3
Ø 3,05 (.120)
Ø 2,60 (.102)
10
°
Part Numbers
Filter
Capacitance
Through Hole
Clinch Nut
#4-40 UNC
Clinch Nut
M3
1000 pF
DAJT3W3P1-1A0N
DAJTE3W3P1-1A0N
DAJTX3W3P1-1A0N
1500 pF
DAJT3W3P6-1A0N
DAJTE3W3P6-1A0N
DAJTX3W3P6-1A0N
5000 pF
DAJT3W3P5-1A0N
DAJTE3W3P5-1A0N
DAJTX3W3P5-1A0N
47000 pF
DAJT3W3P9-1A0N
DAJTE3W3P9-1A0N
DAJTX3W3P9-1A0N
Note: For performance class 1 add -A190. Example: DAJT3WK3P6-1A0N-A190
Part Numbers — Keyed Configuration
Filter
Capacitance
Through Hole
Clinch Nut
#4-40 UNC
Clinch Nut
M3
1000 pF
DAJT3WK3P1-1A0N
DAJTE3WK3P1-1A0N
DAJTX3W3KP1-1A0N
1500 pF
DAJT3WK3P6-1A0N
DAJTE3WK3P6-1A0N
DAJTX3WK3P6-1A0N
5000 pF
DAJT3WK3P5-1A0N
DAJTE3WK3P5-1A0N
DAJTX3WK3P5-1A0N
47000 pF
DAJT3WK3P9-1A0N
DAJTE3WK3P9-1A0N
DAJTX3WK3P9-1A0N
Note: For performance class 1 add -A190. Example: DAJT3WK3P6-1A0N-A190
For electrical data, see page 107.
Dimensions
Shell Size
A
±0,38 (.015)
B
±0,13 (.005)
C
±0,13 (.005)
D
±0,13 (.005)
E
±0,38 (.015)
F
±0,25 (.010)
W
±0,368 (.0145)
L
±0,25 (.010)
DA
39,14 (1.541)
25,25 (.994)
33,32 (1.312)
8,36 (.329)
12,55 (.494)
10,72 (.422)
6,693 (.2635)
0,76 (.030)
Engaging Face
Keyed Configuration
Engaging Face
12,30
(.484)
F
W
L
A
C
B
E
D
A1
A3
Ø 3,05 (.120)
Ø 2,60 (.102)
10
°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com