Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DEMM9SF Datasheet(PDF) 127 Page - ITT Industries

Part # DEMM9SF
Description  D Subminiature Connectors
PDF  301 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

DEMM9SF Datasheet(HTML) 127 Page - ITT Industries

Back Button DEMM9SF Datasheet HTML 123Page - ITT Industries DEMM9SF Datasheet HTML 124Page - ITT Industries DEMM9SF Datasheet HTML 125Page - ITT Industries DEMM9SF Datasheet HTML 126Page - ITT Industries DEMM9SF Datasheet HTML 127Page - ITT Industries DEMM9SF Datasheet HTML 128Page - ITT Industries DEMM9SF Datasheet HTML 129Page - ITT Industries DEMM9SF Datasheet HTML 130Page - ITT Industries DEMM9SF Datasheet HTML 131Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 301 page
background image
Dimensions are shown in mm (inch)
Dimensions subject to change
126
D Subminiature
Filter D
D*JT Combo — High Power Straight
Plug
Reader’s Resource
For contact cavity arrangements,
see page 222.
For P.C. hole patterns, see page 254.
For panel cutouts, see page 221.
For hardware views (European),
see page 227.
Part Numbers
Filter
Capacitance
Through Hole
Clinch Nut
#4-40 UNC
Clinch Nut
M3
1000 pF
DAJT3W3P1-OL4
DAJTE3W3P1-OL4
DAJTX3W3P1-OL4
1500 pF
DAJT3W3P6-OL4
DAJTE3W3P6-OL4
DAJTX3W3P6-OL4
5000 pF
DAJT3W3P5-OL4
DAJTE3W3P5-OL4
DAJTX3W3P5-OL4
47000 pF
DAJT3W3P9-OL4
DAJTE3W3P9-OL4
DAJTX3W3P9-OL4
Note: For performance class 1 add -A190. Example: DAJT3W3P6-OL4-A190
Part Numbers — Keyed Configuration
Filter
Capacitance
Through Hole
Clinch Nut
#4-40 UNC
Clinch Nut
M3
1000 pF
DAJT3WK3P1-OL4
DAJTE3WK3P1-OL4
DAJTX3WK3P1-OL4
1500 pF
DAJT3WK3P6-OL4
DAJTE3WK3P6-OL4
DAJTX3WK3P6-OL4
5000 pF
DAJT3WK3P5-OL4
DAJTE3WK3P5-OL4
DAJTX3WK3P5-OL4
47000 pF
DAJT3WK3P9-OL4
DAJTE3WK3P9-OL4
DAJTX3WK3P9-OL4
Note: For performance class 1 add -A190. Example: DAJT3WK3P6-OL4-A190
For electrical data, see page 107.
Dimensions
Shell Size
A
±0,38 (.015)
B
±0,13 (.005)
C
±0,13 (.005)
D
±0,13 (.005)
E
±0,38 (.015)
F
±0,25 (.010)
W
±0,368 (.0145)
L
±0,25 (.010)
DA
39,14 (1.541)
25,25 (.994)
33,32 (1.312)
8,36 (.329)
12,55 (.494)
10,72 (.422)
6,693 (.2635)
0,76 (.030)
Engaging Face
A
C
B
E
D
Ø 3,05 (.120)
10
°
A1
A3
F
W
L
Keyed Configuration
Engaging Face
A
C
B
E
D
Ø 3,05 (.120)
10
°
A1
A3
11,60
± 0,20
(.457
± .008)
Ø 2,60 (.102)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com