Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SGM2016AM Datasheet(PDF) 2 Page - Sony Corporation

Part # SGM2016AM
Description  GaAs N-channel Dual-Gate MES FET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

SGM2016AM Datasheet(HTML) 2 Page - Sony Corporation

  SGM2016AM Datasheet HTML 1Page - Sony Corporation SGM2016AM Datasheet HTML 2Page - Sony Corporation SGM2016AM Datasheet HTML 3Page - Sony Corporation SGM2016AM Datasheet HTML 4Page - Sony Corporation SGM2016AM Datasheet HTML 5Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
– 2 –
SGM2016AM/AP
024
6
0
10
20
30
40
VDS – Drain to source voltage [V]
ID vs. VDS
VG1S
= 0V
–0.6V
–0.3V
–0.9V
(VG2S = 1.5V)
135
–2.0
–1.5
–1.0
–0.5
0
0
10
15
20
25
VG1S – Gate 1 to source voltage [V]
ID vs. VG1S
(VDS = 5V)
1.0V
0.5V
0V
–0.5V
5
–1.0V
VG2S = 1.5V
Typical Characteristics (Ta = 25°C)
Electrical Characteristics
(Ta = 25°C)
Item
Drain cut-off current
Gate 1 to source current
Gate 2 to source current
Drain saturation current
Gate 1 to source cut-off voltage
Gate 2 to source cut-off voltage
Forward transfer admittance
Input capacitance
Feedback capacitance
Noise figure
NF associated gain
IDSX
IG1SS
IG2SS
IDSS
VG1S (OFF)
VG2S (OFF)
gm
Ciss
Crss
NF
Ga
VDS = 12V
VG1S = –4V
VG2S = 0V
VG1S = –4.5V
VG2S = 0V
VDS = 0V
VG2S = –4.5V
VG1S = 0V
VDS = 0V
VDS = 5V
VG1S = 0V
VG2S = 0V
VDS = 5V
ID = 100µA
VG2S = 0V
VDS = 5V
ID = 100µA
VG1S = 0V
VDS = 5V
ID = 10mA
VG2S = 1.5V
f = 1kHz
VDS = 5V
ID = 10mA
VG2S = 1.5V
f = 1MHz
VDS = 5V
ID = 10mA
VG2S = 1.5V
f = 900MHz
10
20
17
30
0.9
25
1.2
21
50
–8
–8
35
–2.5
–2.5
2.0
40
2.0
µA
µA
µA
mA
V
V
ms
pF
fF
dB
dB
Symbol
Conditions
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com