Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RT8577 Datasheet(PDF) 12 Page - Richtek Technology Corporation

Part # RT8577
Description  High Voltage 4-CH LED Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8577 Datasheet(HTML) 12 Page - Richtek Technology Corporation

Back Button RT8577 Datasheet HTML 4Page - Richtek Technology Corporation RT8577 Datasheet HTML 5Page - Richtek Technology Corporation RT8577 Datasheet HTML 6Page - Richtek Technology Corporation RT8577 Datasheet HTML 7Page - Richtek Technology Corporation RT8577 Datasheet HTML 8Page - Richtek Technology Corporation RT8577 Datasheet HTML 9Page - Richtek Technology Corporation RT8577 Datasheet HTML 10Page - Richtek Technology Corporation RT8577 Datasheet HTML 11Page - Richtek Technology Corporation RT8577 Datasheet HTML 12Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
12
DS8577-00 November 2011
www.richtek.com
RT8577
Richtek Technology Corporation
Headquarter
5F, No. 20, Taiyuen Street, Chupei City
Hsinchu, Taiwan, R.O.C.
Tel: (8863)5526789 Fax: (8863)5526611
Information that is provided by Richtek Technology Corporation is believed to be accurate and reliable. Richtek reserves the right to make any change in circuit
design, specification or other related things if necessary without notice at any time. No third party intellectual property infringement of the applications should be
guaranteed by users when integrating Richtek products into any application. No legal responsibility for any said applications is assumed by Richtek.
Richtek Technology Corporation
Taipei Office (Marketing)
5F, No. 95, Minchiuan Road, Hsintien City
Taipei County, Taiwan, R.O.C.
Tel: (8862)86672399 Fax: (8862)86672377
Email: marketing@richtek.com
Outline Dimension
Dimensions In Millimeters
Dimensions In Inches
Symbol
Min
Max
Min
Max
A
0.700
0.800
0.028
0.031
A1
0.000
0.050
0.000
0.002
A3
0.175
0.250
0.007
0.010
b
0.250
0.350
0.010
0.014
D
4.900
5.100
0.193
0.201
D2
3.100
3.200
0.122
0.126
E
4.900
5.100
0.193
0.201
E2
3.100
3.200
0.122
0.126
e
0.650
0.026
L
0.550
0.650
0.022
0.026
W-Type 20L QFN 5x5 Package



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com