Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RT9052 Datasheet(PDF) 2 Page - Richtek Technology Corporation

Part # RT9052
Description  Single Channel LED Current Source Controller
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9052 Datasheet(HTML) 2 Page - Richtek Technology Corporation

  RT9052 Datasheet HTML 1Page - Richtek Technology Corporation RT9052 Datasheet HTML 2Page - Richtek Technology Corporation RT9052 Datasheet HTML 3Page - Richtek Technology Corporation RT9052 Datasheet HTML 4Page - Richtek Technology Corporation RT9052 Datasheet HTML 5Page - Richtek Technology Corporation RT9052 Datasheet HTML 6Page - Richtek Technology Corporation RT9052 Datasheet HTML 7Page - Richtek Technology Corporation RT9052 Datasheet HTML 8Page - Richtek Technology Corporation RT9052 Datasheet HTML 9Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
RT9052
2
DS9052-01 April 2011
www.richtek.com
Functional Pin Description
Pin No.
Pin Name
Pin Function
1
DIM
PWM Dimming Control Input.
2
GND
Ground.
3
ISET
Current Setting Input.
4
FAULT
FAULT Signal Open Drain Output.
5
DRI
Driver Output.
6
VCC
Power Supply Input.
Function Block Diagram
Reference
Voltage
DIM
+
-
+
-
3ms
Delay
VCC
GND
DRI
ISET
Driver
VREF
0.9 x VREF
FAULT



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com