Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RT9396 Datasheet(PDF) 13 Page - Richtek Technology Corporation

Part # RT9396
Description  I2C Interface PMIC with 6-Channel WLED Driver and 4-LDO
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9396 Datasheet(HTML) 13 Page - Richtek Technology Corporation

Back Button RT9396 Datasheet HTML 9Page - Richtek Technology Corporation RT9396 Datasheet HTML 10Page - Richtek Technology Corporation RT9396 Datasheet HTML 11Page - Richtek Technology Corporation RT9396 Datasheet HTML 12Page - Richtek Technology Corporation RT9396 Datasheet HTML 13Page - Richtek Technology Corporation RT9396 Datasheet HTML 14Page - Richtek Technology Corporation RT9396 Datasheet HTML 15Page - Richtek Technology Corporation RT9396 Datasheet HTML 16Page - Richtek Technology Corporation RT9396 Datasheet HTML 17Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
RT9396
13
DS9396-01 April 2011
www.richtek.com
Applications Information
The RT9396 is an I2C interface PMIC with one 6-Channel
charge pump white LEDdriver and four LDOs. The charge
pump provides 6-Channel low dropout voltage current
source to regulate up to 6 white LEDs. For high efficiency,
the RT9396 implements a smart mode transition for charge
pump operation. The four LDOs are capable of delivering
low dropout voltage of 200mV @ 200mA with 3% output
accuracy. The I2C dimming function allows for a 64 steps
LED brightness control and 16 steps LDO voltage control.
Input UVLO
An under voltage lockout (UVLO) function is provided to
prevent unstable occurrences during start-up. The UVLO
threshold is set at an input rising voltage of 2.1V typically
with a hysteresis of 0.2V. The input operating voltage range
of the RT9396 is from 2.8V to 5V. An input capacitor should
be placed near the VIN pin to reduce ripple voltage. It is
recommended to use a ceramic 2.2
μF or larger capacitance
as the input capacitor.
Soft-Start
The RT9396 includes a soft-start circuit to limit the inrush
current at power on and mode switching. The soft-start
circuit limits the input current before the output voltage
reaches a desired voltage level.
Mode Decision
The RT9396 uses a smart mode decision method to
choose the working mode for maximum efficiency. The
charge pump can operate at x1, x1.5 or x2 mode. The
mode decision circuit senses the output voltage and LED
voltage to determine the optimum working mode.
Power Sequence
In order to assure normal operating condition, the input
voltage and ENshould be active before the RT9396 receives
the I2C signal, as shown in Figure 3. The RT9396 can be
shut down by pulling EN low. When EN is reset, the I2C
signal also needs to be re-applied to resume normal
operating condition.
Figure 3. The Power Sequence
SCL
……………
……………
EN
SDA
I
2C Compatible Interface
Figure 4 shows the timing diagram of the I2C interface.
The RT9396 communicates with a host (master) using
the standard I2C 2-wire interface. The two bus lines of
SCL and SDA must be pulled high when the bus is not in
use. Internal pull-up resistors are installed. After the START
condition, the I2C master sends 8-bits data, consisting of
seven address bits and a following data direction bit (R/
W). The RT9396 address is 1010100 (54h) and is a receive-
only (slave) device. The second word selects the register
to which the data will be written. The third word contains
data to write to the selected register.
Figure 2 shows the writing information for voltage of the
four LDOs and current of the six LEDs. In the second
word, the sub-address of the four LDOs is “001” and the
sub-address of the LEDDriver for different dimming modes
are respectively “010”, “011” and “100”. For the LDO
output voltage setting, bits B1 to B4 represent each LDO
channel respectively where a “1” indicates selected and
a “0” means not selected. The B0 bit controls on/off (1/
0) mode for the selected LDO channel(s). Then, in the
third word, bits C0 to C3 control a 16-step setting of LDO1
to LDO4. The voltage values are listed in Table 1.
For LED dimming, there are three operating modes
(Backlight I, Backlight II and Backlight III) to select from
by writing respectively “010”, “011” and “100” into the
first three bits of the second word. When Backlight I is
selected, all six LEDs have the same behavior. Their 64-
step dimming currents are set by bits C0 to C5, which
are listed in Table 2. The bits C6 and C7 determine the
fade in/out time of each step as shown in Figure 2. For
Backlight II and Backlight III, two sets of LEDs, called
main and Sub, can work separately and turn on solely. It
should be noticed that no matter which mode is selected,
the B0 bit must be a “1” in order for te LEDs in the main
set to be turned on.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com