Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BDV66C Datasheet(PDF) 3 Page - Comset Semiconductor

Part # BDV66C
Description  PNP SILICON DARLINGTONS POWER TRANSISTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMSET [Comset Semiconductor]
Direct Link  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

BDV66C Datasheet(HTML) 3 Page - Comset Semiconductor

  BDV66C Datasheet HTML 1Page - Comset Semiconductor BDV66C Datasheet HTML 2Page - Comset Semiconductor BDV66C Datasheet HTML 3Page - Comset Semiconductor BDV66C Datasheet HTML 4Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
BDV66-A-B-C
26/09/2012
COMSET SEMICONDUCTORS
3/4
ELECTRICAL CHARACTERISTICS
TC=25°C unless otherwise noted
Symbol
Ratings
Test Condition(s)
Min
Typ
Max
Unit
ICEO
Collector Cutoff
Current
VCE= -40 V, IB= 0
BDV66
-
-
-1
mA
VCE= -50 V, IB= 0
BDV66A
VCE= -60 V, IB= 0
BDV66B
VCE= -70 V, IB= 0
BDV66C
IEBO
Emitter Cutoff
Current
VBE= -5 V, IC= 0
BDV66
-
-
-5
mA
BDV66A
BDV66B
BDV66C
ICBO
Collector Cutoff
Current
IE= 0
Tj=25°C
VCB= -80 V
BDV66
-
-
-1
mA
VCB= -100 V
BDV66A
VCB= -120 V
BDV66B
VCB= -140 V
BDV66C
IE= 0
Tj=150°C
VCB= -40 V
BDV66
-
-
-5
VCB= -50 V
BDV66A
VCB= -60 V
BDV66B
VCB= -70 V
BDV66C
VCEO
Collector-Emitter
Breakdown Voltage
(*)
IC= -100 mA, IB = 0
BDV66
-60
-
-
V
BDV66A
-80
-
BDV66B
-100
-
-
BDV66C
-120
-
-
hFE
DC Current Gain (*)
VCE= -3 V, IC= -10 A
BDV66
1000
-
-
-
BDV66A
BDV66B
BDV66C
VCE(SAT)
Collector-Emitter
saturation Voltage (*) IC= -10 A, IB= -40 mA
BDV66
-
-
-2
V
BDV66A
BDV66B
BDV66C
VBE
Base-Emitter
Voltage(*)
VCE= -3 V, IC= -10 A
BDV66
-
-
-2,5
V
BDV66A
BDV66B
BDV66C
COB
Output Capacitance
VCB= -10 V, IE= 0
ftest= 1 MHz
BDV66
-
300
-
pF
BDV66A
BDV66B
BDV66C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com