Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

22017 Datasheet(PDF) 94 Page - ITT Industries

Part # 22017
Description  Cannon Rack & Panel Connectors
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

22017 Datasheet(HTML) 94 Page - ITT Industries

Back Button 22017 Datasheet HTML 90Page - ITT Industries 22017 Datasheet HTML 91Page - ITT Industries 22017 Datasheet HTML 92Page - ITT Industries 22017 Datasheet HTML 93Page - ITT Industries 22017 Datasheet HTML 94Page - ITT Industries 22017 Datasheet HTML 95Page - ITT Industries 22017 Datasheet HTML 96Page - ITT Industries 22017 Datasheet HTML 97Page - ITT Industries 22017 Datasheet HTML 98Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 120 page
background image
DPA-Miniature Rack/Panel
DPAL - Large Flange Shells
DPAMA - Little CAESAR' Contact Assembly
DPAF - Float Mount Shells
Shell
DPA/DPAF/DPAL
SERIES PREFIX
DPA
DPA
DPA
24C2
32
32
34 P
34 P
33 S
-
-
-
-
-
*
-
-
-
CLASS
CONTACT ARRANGEMENT
SHELL TYPE
CONTACT TYPE
MOUNTING HOLE STYLE
MODIFIER
RoHS version
R - RoHS compatible
CONTACT ARRANGEMENT
F - Float mount shell
L - Large flange shell
MA - LITTLE CAESAR contact assembly with
crimp, snap in contacts
No Dash
A
B
C
E
F
G
H
J
No Dash
A
B
C
D
E
F
G
H
- .093 (2.36) Dia.
- .093 (2.36) Dia., countersunk 82 to
.173 (4.39) Dia.
- .120 (3.05) Dia., countersunk 100 to
.225 (5.72) Dia.
- .093 (2.36) Dia., countersunk 100 to
- .182 (4.62) Dia.
- .120 (3.05) Dia.
- .100 (2.54) Dia.
- .120 (3.05) Dia., countersunk 82 to
.203 (5.16) Dia.
- Tapped #4-40 NC-2
- .093 (2.36) Dia., countersunk 100 to
.192 (4.88) Dia.
- .093 (2.36) Dia., countersunk 82 to
.173 (4.39) Dia.
- .093 (2.36) Dia.
- .120 (3.05) Dia,. countersunk 100 to
.225 (5.72) Dia.
- .093 (2.36) Dia., countersunk 100 to
.182 (4.62) Dia.
- .136 (3.45) Dia.
- .120 (3.05) Dia.
- .100 (2.54) Dia.
- .120 (3.05) Dia., countersunk 82 to
.203 (5.16) Dia.
- Tapped #4-40 NC-2
33 for plug, 34 for receptacle
P - Pin
S - Socket
Arrangements with coax contacts, such as 24C2, may be
ordered without coax contacts by substituting a "W" for teh
"C" e.g., DPA-24C2-34P with two coax contacts becomes
DPA-24W2-34P with two cavities. The customer can then
order separately any snap in coax contact shown on page 99.
The customer is thus able to "create" arrangements with
infinite combinations of coax contacts.
Add FO to order connector less contacts. Consult
factory for other modifications.
MOUNTING HOLE STYLES
DPA
DPAMA
MODIFIER
SHELL TYPE
CONTACT TYPE
CLASS
Material
Finish
Material
Material
Finish
Termination
Aluminum alloy
Cadmium plate with yellow chromate
Melamine
Copper alloy
Gold over copper alloy
Solder pot
Aluminum alloy
Cadmium plate with yellow chromate
Diallyl phthalate
Copper alloy
Gold over copper alloy
Crimp
DPAMA
Insulator
Contacts
DPAF plugs are DPA plugs with four rivets with
washers on the contact termination side of the
connector. Floating rivets are .093 (2.36) I.D. with
a minimum of .032 (0.81) float.
DPA plugs are rugged, miniature rack/panel plugs
utilizing maximum insert space in a one-piece shell.
Polarization is accomplished with a keystone cor-
nered shell and the coupling means is friction.
Operating temperature for the DPA is - 55 C to
+ 125 C (-67 F to + 257 F)
DPAMA plugs are DPA plugs with the proven LITTLE
CAESAR contact assembly for rear insertion, re-
lease and extraction of crimp type contacts. In-
sertion requires no tool; extraction requires an
expendable plastic tool. Hard dielectric, closed-
entry socket insert has lead-in chamfers for positive
mating of pin contacts. Contacts are of simpler,
stronger design for greater resistance to bending or
damge and are crimplable with the M22520/1-01
tool.
DPAL plugs are DPA plugs with a large flange.
RoHS
MA
R
Miniature Rack and Panel
DPA
94
www.ittcannon.com
Dimensions shown in inch (mm)
Specifications and dimensions subject to change
Material Specifications
How to Order



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com