Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

1738000000 Datasheet(PDF) 21 Page - Weidmuller

Part # 1738000000
Description  Cable glands
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

1738000000 Datasheet(HTML) 21 Page - Weidmuller

Back Button 1738000000 Datasheet HTML 14Page - Weidmuller 1738000000 Datasheet HTML 15Page - Weidmuller 1738000000 Datasheet HTML 16Page - Weidmuller 1738000000 Datasheet HTML 17Page - Weidmuller 1738000000 Datasheet HTML 18Page - Weidmuller 1738000000 Datasheet HTML 19Page - Weidmuller 1738000000 Datasheet HTML 20Page - Weidmuller 1738000000 Datasheet HTML 21Page - Weidmuller 1738000000 Datasheet HTML 22Page - Weidmuller  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
Cable glands
64
Technical data
Material:
Polyamide
Temperature:
-20°C ... +70°C
Protection class:
IP 65
Colour:
similar black RAL 9005
We recommend the the use of EWS drain stoppers to prevent
the building up of condensation water within enclosures, and also
to guarantee sufficient ventilation.
PG 16
Ordering data
Type
Thread
Qty.
Cat. No.
EWS PG16
PG 16
25
1719730000
EWS M 25x1.5
M 25 x 1.5
25
1719740000
Drain stopper
T
Technical data
Material:
Körper
BD 1
Blank brass or stainless steel 1.4404
BD 2
Blank brass or stainless steel 1.4404
DLP
Blank brass or stainless steel 1.4404
Filter
BD 1
Sinter nickel - chrom insert
BD 2
Sinter nickel - chrom insert
DLP
Sinter nickel - chrom insert
Sealing
BD 1
Nylon seal
BD 2
Nitril O-ring
DLP
Nitril O-ring
Mounting:
BD 1
Direct mounting in available M 16 x 1.5 connection thread
or with lock nut in 16-mm round hole
BD 2
Flanged fixing made with fourM 4 hexagon head screws
washer and self locking lock nut
DLP
Direct mounting in available M 20 x 1.5 connection thread
or with lock nut in 20 mm round hole
Protection
BD 1
IP 54 in accordance with IEC 529
class:
BD 2
IP 54 in accordance with IEC 529
DLP
IP 66
Approvals:
BD 1
EEx e II i.a.w. EN 50019 Components certification 86B3174U
BD 2
EEx e II i.a.w. EN 50019 Components certification 86B3174U
DLP
EEx e II i.a.w. SIRA99ATEX3050U
Ordering data
Type
Material
Qty.
Cat. No.
BD 1
Brass
1
3883400000
BD 1
Stainless steel
1
3883500000
BD 2
Brass
1
3884300000
BD 2
Stainless steel
1
3884400000
DLP
Brass
1
3080760000
DLP
Stainless steel
1
3080770000
Breather Drains
T
BD 1
BD 2
DLP
99ATEX3050U



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com