Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SAM4S8C Datasheet(PDF) 65 Page - ATMEL Corporation

Part # SAM4S8C
Description  ARM-based Flash MCU
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

SAM4S8C Datasheet(HTML) 65 Page - ATMEL Corporation

Back Button SAM4S8C Datasheet HTML 59Page - ATMEL Corporation SAM4S8C Datasheet HTML 60Page - ATMEL Corporation SAM4S8C Datasheet HTML 61Page - ATMEL Corporation SAM4S8C Datasheet HTML 62Page - ATMEL Corporation SAM4S8C Datasheet HTML 63Page - ATMEL Corporation SAM4S8C Datasheet HTML 64Page - ATMEL Corporation SAM4S8C Datasheet HTML 65Page - ATMEL Corporation SAM4S8C Datasheet HTML 66Page - ATMEL Corporation SAM4S8C Datasheet HTML 67Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 65 / 67 page
background image
65
11100BS–ATARM–31-Jul-12
SAM4S Series [Preliminary]
Revision History
In the table that follows, the most recent version of the document appears first.
“rfo” indicates changes requested during document review and approval loop.
Doc. Rev
11100BS
Comments
Change
Request
Ref.
48-pin package references removed from Section “Features”, Section 1. “Description”, Section 1.1
“Configuration Summary” (updated Table 1-1), Section 2. “Block Diagram” (deleted Fig. 2-3), Section 4.
“Package and Pinout” (deleted the entire section 4.3 SAM4S16/S8A Package and Pinout), Section 10.13
“Chip Identification” (updated Table 10-1), Section 10.14 “PIO Controllers” (updated Table 10-2), Section
10.16 “Peripheral Signal Multiplexing on I/O Lines”, Section 12. “Package Drawings” (deleted Fig. 12-5
and Fig. 12-6).
VFBGA100 package information added to Section “Features”, Section 1.1 “Configuration Summary”
(updated Table 1-1), and Section 4.1 “SAM4SD32/SD16/SA16/S16/S8C Package and Pinout” (added
Figure 4-3 and Table 4-3).
References to WFE instructions replaced by relevant bits precise descriptions in Section 5.5 “Low-Power
Modes”.
SRAM upper address changed to 0x20400000 in Figure 8-1 on page 32.
New devices features added in Section 9.1.1 “Internal SRAM”Section 9.1.3.1 “Flash Overview”,Section
9.1.3.4 “Lock Regions”, Section 9.1.3.5 “Security Bit Feature”, Section 9.1.3.11 “GPNVM Bits”, and Table
10-1 on page 46.
Note added in Section 9.1.3.1 “Flash Overview”.
Table 10-3 updated in Section 10.15 “Peripheral Identifiers”.
Dual bank and cache memory references added to Section “Features” and Section 1. “Description”.
Deleted LFBGA references from Section “Features” and Section 1. “Description” (updated Table 1-1).
Section 2. “Block Diagram”: added references to SAM4S16/S8 and SAM4SD16/SA16 in the figure titles,
updated Figure 2-3 for colors, and added Figure 2-4, "SAM4SD32/SD16/SA16 64-pin version Block
Diagram".
Section 12. “Package Drawings”: updated the introduction text and added Figure 12-3, "100-ball VFBGA
Package Drawing".
Section 13. “Ordering Information”: updated the headings row and added new rows with the
SAM4SD32/SD16/A16/16/8 features in Table 13-1.
Consumption data updated in Section “Features”, Section 5.2 “Voltage Regulator”, Section 5.5.1 “Backup
Mode”, Section 5.5.2 “Wait Mode”, and in Section 5.5.4 “Low Power Mode Summary Table”(Table 5-1 and
the corresponding footnotes).
Added 2 KB cache information in Figure 2-3, "SAM4SD32/SD16/SA16 100-pin version Block Diagram"
and Figure 2-4, "SAM4SD32/SD16/SA16 64-pin version Block Diagram".
Changed the temperature operating range (+105°C replaced with +85°C) in Section 13. “Ordering
Information”.
Section 6.1 “General Purpose I/O Lines”, updated electrical characteristics for I/O lines.
Section 9.1.3.1 “Flash Overview”, added Internal Flash addresses in the description of Flash size (Figure 9-
3).
Section 9.1.3.11 “GPNVM Bits”, updated bits information (SAM4S16/SA16 and SAM4S8).
Deleted the entire section 10.14 UART.
Section 10.15 “Peripheral Identifiers”, updated information for EEFC0 and EEFC1 in Table 10-3 on page
47.
Section “Features”, added “Write Protected Registers” to thePeripherals list.
Section 2. “Block Diagram”, replaced “Time Counter B” by “Time Counter A” in Figure 2-1 on page 4.
Specified the preliminary status of the datasheet.
8099
rfo
rfo
rfo
rfo
rfo
rfo
8213
rfo
rfo



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com