Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SAM4S8B Datasheet(PDF) 22 Page - ATMEL Corporation

Part # SAM4S8B
Description  ARM-based Flash MCU
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

SAM4S8B Datasheet(HTML) 22 Page - ATMEL Corporation

Back Button SAM4S8B Datasheet HTML 18Page - ATMEL Corporation SAM4S8B Datasheet HTML 19Page - ATMEL Corporation SAM4S8B Datasheet HTML 20Page - ATMEL Corporation SAM4S8B Datasheet HTML 21Page - ATMEL Corporation SAM4S8B Datasheet HTML 22Page - ATMEL Corporation SAM4S8B Datasheet HTML 23Page - ATMEL Corporation SAM4S8B Datasheet HTML 24Page - ATMEL Corporation SAM4S8B Datasheet HTML 25Page - ATMEL Corporation SAM4S8B Datasheet HTML 26Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 67 page
background image
22
11100BS–ATARM–31-Jul-12
SAM4S Series [Preliminary]
Entering Backup mode:
• Set the SLEEPDEEP bit of Cortex_M4 to 1
• Set the VROFF bit of SUPC_CR to 1
Exit from Backup mode happens if one of the following enable wake up events occurs:
• WKUPEN0-15 pins (level transition, configurable debouncing)
• Supply Monitor alarm
•RTC alarm
• RTT alarm
5.5.2
Wait Mode
The purpose of the wait mode is to achieve very low power consumption while maintaining the
whole device in a powered state for a startup time of less than 10 µs. Current Consumption in
Wait mode is typically 32 µA (total current consumption) if the internal voltage regulator is used.
In this mode, the clocks of the core, peripherals and memories are stopped. However, the core,
peripherals and memories power supplies are still powered. From this mode, a fast start up is
available.
This mode is entered by setting WAITMODE bit to 1 (in PMC clock generator Main Oscillator
register) with LPM = 1 (Low Power Mode bit in PMC_FSMR) and with FLPM = 00 or FLPM=01
(Flash Low Power Mode bits in PMC_FSMR).
The Cortex-M4 is able to handle external events or internal events in order to wake-up the core.
This is done by configuring the external lines WUP0-15 as fast startup wake-up pins (refer to
Section 5.7 “Fast Startup”). RTC or RTT Alarm and USB wake-up events can be used to wake
up the CPU.
Entering Wait Mode:
• Select the 4/8/12 MHz fast RC oscillator as Main Clock
• Set the LPM bit in the PMC Fast Startup Mode Register (PMC_FSMR)
• Set the FLPM bitfield in the PMC Fast Startup Mode Register (PMC_FSMR)
• Set Flash Wait State at 0.
• Set the WAITMODE bit = 1 in PMC Main Oscillator Register (CKGR_MOR)
• Wait for Master Clock Ready MCKRDY = 1 in the PMC Status Register (PMC_SR)
Note:
Internal Main clock resynchronization cycles are necessary between the writing of MOSCRCEN
bit and the effective entry in Wait mode. Depending on the user application, waiting for
MOSCRCEN bit to be cleared is recommended to ensure that the core will not execute undesired
instructions.
Depending on Flash Low Power Mode (FLPM) value, the Flash will enter in three different
modes:
• FLPM[00] in Standby mode
• FLPM[01] in Deep Power Down mode
• FLPM[10] in mode Idle.
Following the Flash mode selection, the consumption in wait mode will decrease. In Deep Power
Down mode the recovery time of the Flash in Standby mode will be less than the power up
delay.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com