Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

GSMSTUB4 Datasheet(PDF) 1 Page - rfsolutions.ltd

Part # GSMSTUB4
Description  ?쁓tubby??Quad Band GSM Antenna 4dB
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFSOLUTIONS [rfsolutions.ltd]
Direct Link  http://www.rfsolutions.co.uk
Logo RFSOLUTIONS - rfsolutions.ltd

GSMSTUB4 Datasheet(HTML) 1 Page - rfsolutions.ltd

  GSMSTUB4 Datasheet HTML 1Page - rfsolutions.ltd GSMSTUB4 Datasheet HTML 2Page - rfsolutions.ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
‘Stubby’ Quad Band GSM Antenna +4dB
‘Stubby’ Quad Band GSM Antenna +4dB
‘Stubby’ Quad Band GSM Antenna +4dB
‘Stubby’ Quad Band GSM Antenna +4dB
DS ANT-GSMSTUB4-1
Dimensions (mm)
Weight
(Kg)
Mount
Connector
ANT-GSMSTUB4
113 x DIA 29
0.055
Magnetic
SMA (M)
R F Solutions Ltd.,
R F Solutions Ltd.,
R F Solutions Ltd.,
R F Solutions Ltd.,
Unit 21, Cliffe Industrial Estate,
Unit 21, Cliffe Industrial Estate,
Unit 21, Cliffe Industrial Estate,
Unit 21, Cliffe Industrial Estate,
Lewes, E. Sussex. BN8 6JL. England.
Lewes, E. Sussex. BN8 6JL. England.
Lewes, E. Sussex. BN8 6JL. England.
Lewes, E. Sussex. BN8 6JL. England.
Email :
Email :
Email :
Email : sales@rfsolutions.co.uk
sales@rfsolutions.co.uk
sales@rfsolutions.co.uk
sales@rfsolutions.co.uk
http://www.rfsolutions.co.uk
http://www.rfsolutions.co.uk
http://www.rfsolutions.co.uk
http://www.rfsolutions.co.uk
Tel: +44 (0)1273 898 000
Tel: +44 (0)1273 898 000
Tel: +44 (0)1273 898 000
Tel: +44 (0)1273 898 000
Fax: +44 (0)1273 480 661
Fax: +44 (0)1273 480 661
Fax: +44 (0)1273 480 661
Fax: +44 (0)1273 480 661
Applications
Applications
Applications
Applications
• GSM
• Range Extension
Description
Description
Description
Description
A compact helical Gain Antenna for GSM applications where high performance is re-
quired .
Part Numbers
Part Numbers
Part Numbers
Part Numbers
• Miniature Quad Band Antenna
• 870-960MHz 1710-2220MHz
• Active gain: +4dBi
• VSWR <1.8:1
• Vertical Polarisation
• 2.5m RG174 Connecting Lead
• Magnet Mount
• Alternative Connectors: FME /
TNC / SMA / MMCX
• 50 Ohm Impedance
• Max Power 50W


Similar Part No. - GSMSTUB4

ManufacturerPart #DatasheetDescription
logo
SHENZHEN KYL COMMUNICAT...
GSM KYL-GSM Datasheet
168Kb / 15P
Tracker
logo
List of Unclassifed Man...
GSM ETC-GSM Datasheet
343Kb / 2P
HIGH PERFORMANCE GPRS SERVER APPLICATION/DEVICE
logo
rfsolutions.ltd
GSM-T35I RFSOLUTIONS-GSM-T35I Datasheet
900Kb / 10P
LOW COST GSM MODEM
logo
List of Unclassifed Man...
GSM0306 ETC1-GSM0306 Datasheet
332Kb / 4P
Utilizes leading-edge GSM/GPRS/EDGE silicon
GSM0308 ETC1-GSM0308 Datasheet
332Kb / 4P
Utilizes leading-edge GSM/GPRS/EDGE silicon
More results

Similar Description - GSMSTUB4

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CXG1180EQ ETC1-CXG1180EQ Datasheet
55Kb / 2P
Ultralow Loss GSM Quad-Band Antenna Switch Module
logo
Sony Corporation
CXG1192UR SONY-CXG1192UR Datasheet
50Kb / 5P
SP3T 횞 2 Antenna Switch for GSM Quad-Band
logo
rfsolutions.ltd
ANT-GSMQB RFSOLUTIONS-ANT-GSMQB Datasheet
43Kb / 1P
GSM Antenna Quad Band
logo
World Produts Inc.
WPANT10024-SC WPI-WPANT10024-SC Datasheet
332Kb / 5P
Dual-band GSM Embedded Antenna
logo
RF Micro Devices
RF3235 RFMD-RF3235 Datasheet
188Kb / 2P
QUAD-BAND GSM
RF3237 RFMD-RF3237 Datasheet
190Kb / 2P
QUAD-BAND GSM
logo
Taoglas antenna solutio...
PC30090100A TAOGLAS-PC30090100A Datasheet
322Kb / 7P
FR4 Penta-band GSM Antenna
PC30070100A TAOGLAS-PC30070100A Datasheet
336Kb / 7P
FR4 Penta-band GSM Antenna
logo
AVAGO TECHNOLOGIES LIMI...
ACPM-7788 AVAGO-ACPM-7788 Datasheet
282Kb / 3P
Quad Band GSM/EDGE
logo
Taoglas antenna solutio...
PC30.07.0100A TAOGLAS-PC30.07.0100A Datasheet
472Kb / 7P
FR4 Penta-band GSM Antenna
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com