Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RF803-ALPHA Datasheet(PDF) 3 Page - rfsolutions.ltd

Part # RF803-ALPHA
Description  EASY TO USE TELEMETRY SYSTEM USING ALPHA MODULES
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFSOLUTIONS [rfsolutions.ltd]
Direct Link  http://www.rfsolutions.co.uk
Logo RFSOLUTIONS - rfsolutions.ltd

RF803-ALPHA Datasheet(HTML) 3 Page - rfsolutions.ltd

  RF803-ALPHA Datasheet HTML 1Page - rfsolutions.ltd RF803-ALPHA Datasheet HTML 2Page - rfsolutions.ltd RF803-ALPHA Datasheet HTML 3Page - rfsolutions.ltd RF803-ALPHA Datasheet HTML 4Page - rfsolutions.ltd RF803-ALPHA Datasheet HTML 5Page - rfsolutions.ltd RF803-ALPHA Datasheet HTML 6Page - rfsolutions.ltd RF803-ALPHA Datasheet HTML 7Page - rfsolutions.ltd RF803-ALPHA Datasheet HTML 8Page - rfsolutions.ltd RF803-ALPHA Datasheet HTML 9Page - rfsolutions.ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
D
DS
S8
80
03
3--A
AL
LP
PH
HA
A--1
1 N
No
ov
v ‘‘0
09
9
©
©2
20
00
08
8 R
RF
F S
So
ollu
uttiio
on
ns
s L
Lttd
d,, w
ww
ww
w..rrffs
so
ollu
uttiio
on
ns
s..c
co
o..u
uk
k
P
Pa
ag
ge
e 3
3
T
Te
ell 0
01
12
27
73
3 8
89
98
80
00
00
0 F
Fa
ax
x 0
01
12
27
73
3 4
48
80
06
66
61
1
ALPHA Encoder / Decoder IC’s
RF803-ALPHA
Pin Descriptions RF803E-ALPHA
SOIC/PDIP
Pin
Number
Name
Input / Output
Description
1
VDD
-
Voltage in +3.3V
2
ACK LED
O/P
ACKNOWLEDGE FAILED (ACTIVE HIGH)
3
TX LED2
O/P
TX LED (ACTIVE HIGH)
4
ACK
I/P (*)
ACKNOWLEDGE REQUEST (ACTIVE LOW)
5
CONT
I/P (*)
CONTINUOUS TX (ACTIVE LOW)
6
CLK
O/P
Clock TO ALPHA MODULE Pin 13
7
IRQ
I/P
TO ALPHA MODULE Pin 2
8
SDI
I/P
Serial Data In TO ALPHA MODULE Pin 1
9
SDO
O/P
Serial Data Out TO ALPHA MODULE Pin 12
10
SEL
O/P
TO ALPHA MODULE Pin 14
11
I/P3
I/P
Input 3
12
I/P2
I/P
Input 2
13
I/P1
I/P
Input 1
14
Vss
-
Ground
VQFN
Pin
Number
Name
Input / Output
Description
1
ACK LED
O/P
ACKNOWLEDGE FAILED (ACTIVE HIGH)
2
TX LED2
O/P
TX LED (ACTIVE HIGH)
3
ACK
I/P (*)
ACKNOWLEDGE REQUEST (ACTIVE LOW)
4
CONT
I/P (*)
CONTINUOUS TX (ACTIVE LOW)
5
CLK
O/P
Clock TO ALPHA MODULE Pin 13
6
IRQ
I/P
TO ALPHA MODULE Pin 2
7
SDI
I/P
Serial Data In TO ALPHA MODULE Pin 1
8
SDO
O/P
Serial Data Out TO ALPHA MODULE Pin 12
9
SEL
O/P
TO ALPHA MODULE Pin 14
10
I/P3
I/P
Input 3
11
I/P2
I/P
Input 2
12
I/P1
I/P
Input 1
13
Vss
-
Ground
14
DO NOT CONNECT
15
DO NOT CONNECT
16
VDD
-
Voltage in +3.3V
(*) Pull up / Pull Down required.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com