Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CY8CMBR2016 Datasheet(PDF) 23 Page - Cypress Semiconductor

Part # CY8CMBR2016
Description  CapSense짰 Express??16 Button Matrix Controller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8CMBR2016 Datasheet(HTML) 23 Page - Cypress Semiconductor

Back Button CY8CMBR2016 Datasheet HTML 19Page - Cypress Semiconductor CY8CMBR2016 Datasheet HTML 20Page - Cypress Semiconductor CY8CMBR2016 Datasheet HTML 21Page - Cypress Semiconductor CY8CMBR2016 Datasheet HTML 22Page - Cypress Semiconductor CY8CMBR2016 Datasheet HTML 23Page - Cypress Semiconductor CY8CMBR2016 Datasheet HTML 24Page - Cypress Semiconductor CY8CMBR2016 Datasheet HTML 25Page - Cypress Semiconductor CY8CMBR2016 Datasheet HTML 26Page - Cypress Semiconductor CY8CMBR2016 Datasheet HTML 27Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
CY8CMBR2016
Document Number: 001-67921 Rev. *C
Page 23 of 28
AC Electrical Specifications
The following table lists guaranteed maximum and minimum specifications for the entire voltage and temperature ranges.
Table 14. AC Chip-Level Specifications
Parameter
Description
Min
Max
Unit
Notes
SRPOWER_UP Power supply slew rate
–
250
V/ms VDDslew rate during power-up
TXRST
External reset pulse width at power-up
1
–
ms
Applicable after device power supply is
active
TXRST2
External reset pulse width after power-up
10
–
ms
Applicable after device VDD has reached
maximum value
Table 15. AC General Purpose I/O Specifications
Parameter
Description
Min
Typ
Max
Unit
Notes
TRise1
Rise time on OUT pins, Cload = 50 pF
15
–
80
ns
VDD = 3.0 to 3.6 V, 10%–90%
TRise2
Rise time on INT and BUZZ pins, Cload =
50 pF
10
–
50
ns
VDD = 3.0 to 3.6 V, 10%–90%
TRise3
Rise time on OUT pins, Cload = 50 pF
15
–
80
ns
VDD = 1.71 to 3.0 V, 10%–90%
TRise4
Rise time on INT and BUZZ pins, Cload =
50 pF
10
–
80
ns
VDD = 1.71 to 3.0 V, 10%–90%
TFall1
Fall time, Cload = 50 pF all outputs
10
–
50
ns
VDD = 3.0 to 3.6 V, 90%–10%
TFall2
Fall time, Cload = 50 pF all outputs
10
–
70
ns
VDD = 1.71 to 3.0 V, 90%–10%
CapSense Specification
Parameter
Description
Min
Typ
Max
Unit
Notes
CP
Parasitic capacitance
5.0
–
(CP+CF)<40
pF
CP is the total capacitance seen
by the pin when no finger is
present. CP is sum of C_sensor,
C_trace, and Capacitance of the
vias and CPIN
CF
Finger capacitance
0.25
–
(CP+CF)<40
pF
CF is the capacitance added by
the finger touch
CPIN
Capacitive load on pins as input
0.5
1.7
7
pF
Mandatory for CapSense to work
CMOD
External modulator capacitor
2
2.2
2.4
nF
Mandatory for CapSense to work
RS
Series resistor between pin and the
button
–
560
616
Reduces the RF noise



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com