Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L6480HTR Datasheet(PDF) 59 Page - STMicroelectronics

Part # L6480HTR
Description  The L6480, realized in analog mixed signal technology, is an advanced fully integrated solution suitable for driving two-phase bipolar stepper motors with microstepping.
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6480HTR Datasheet(HTML) 59 Page - STMicroelectronics

Back Button L6480HTR Datasheet HTML 55Page - STMicroelectronics L6480HTR Datasheet HTML 56Page - STMicroelectronics L6480HTR Datasheet HTML 57Page - STMicroelectronics L6480HTR Datasheet HTML 58Page - STMicroelectronics L6480HTR Datasheet HTML 59Page - STMicroelectronics L6480HTR Datasheet HTML 60Page - STMicroelectronics L6480HTR Datasheet HTML 61Page - STMicroelectronics L6480HTR Datasheet HTML 62Page - STMicroelectronics L6480HTR Datasheet HTML 63Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 73 page
background image
L6480
Programming manual
Doc ID 023278 Rev 3
59/73
The SW_F reports the SW input status (low for open and high for closed).
The SW_EVN flag is active high and indicates a switch turn-on event (SW input falling
edge).
TH_STATUS bits indicate the current device thermal status (Section 6.12):
UVLO, UVLO_ADC, OCD, STEP_LOSS_A, STEP_LOSS_B, CMD_ERROR, SW_EVN and
TH_STATUS bits are latched: when the respective conditions make them active (low or high)
they remain in that state until a GetStatus command is sent to the IC.
The BUSY bit reflects the BUSY pin status. The BUSY flag is low when a constant speed,
positioning or motion command is under execution and is released (high) after the command
has been completed.
The STCK_MOD bit is an active high flag indicating that the device is working in Step-clock
mode. In this case the step-clock signal should be provided through the STCK input pin.
The DIR bit indicates the current motor direction:
MOT_STATUS indicates the current motor status:
Any attempt to write to the register causes the command to be ignored and the
NOTPERF_CMD to rise (Section 9.1.24).
Table 45.
STATUS register TH_STATUS bits
TH_STATUS
Status
00
Normal
01
Warning
1
0
Bridge shutdown
1
1
Device shutdown
Table 46.
STATUS register DIR bit
DIR
Motor direction
1Forward
0Reverse
Table 47.
STATUS register MOT_STATE bits
MOT_STATUS
Motor status
0
0
Stopped
01
Acceleration
10
Deceleration
1
1
Constant speed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com