Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

W9970CF Datasheet(PDF) 3 Page - Winbond

Part # W9970CF
Description  VIDEO GRAPHICS CONTROLLER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W9970CF Datasheet(HTML) 3 Page - Winbond

  W9970CF Datasheet HTML 1Page - Winbond W9970CF Datasheet HTML 2Page - Winbond W9970CF Datasheet HTML 3Page - Winbond W9970CF Datasheet HTML 4Page - Winbond W9970CF Datasheet HTML 5Page - Winbond W9970CF Datasheet HTML 6Page - Winbond  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
W9970CF
Preliminary
-
3-
March 1996
OVERVIEW
The W9970CF Integrated Video Graphics Accelerator
is a highly integrated product offered by Winbond to
provide high-performance graphical user interface
(GUI) acceleration and TV-quality full-screen motion
video acceleration for PCI Bus-based IBM PCs or their
compatibles. An on-chip RAMDAC and dual
programmable clock synthesizers with up to 135 MHz
pixel data rate are also integrated to simplify system
design and reduce cost.
The W9970CF is a high-performance graphics
accelerator specially designed for the Microsoft
Windows family, IBM OS/2, and DOS-based
applications. Besides the 100% IBM VGA register-
level compatibility, the W9970CF incorporates a 64-
bit graphics engine (GE) to accelerate drawing
functions such as bit block transfer (BitBLT), line
drawing, clipping, and hardware cursor manipulation.
The integrated video accelerator (VA) features high-
quality video filtering, bilinear interpolation scaling
along both the X and Y axes, color space conversion
and overlay keying. In addition to accelerating
software video playback, the W9970CF also provides
an advanced multimedia video interface for glueless
interfacing to the Winbond W9920DF MPEG-1 video
decoder and TV decoders such as the Philips
SAA7110 and Brooktree Bt815A/7A/9A. The 16-bit
baseline VESA Advanced Feature Connector (VAFC)
and the 8-bit bidirectional IBM Feature Connector are
also supported for legacy video applications. By
performing scaling and color space conversion on the
fly, the W9970CF provides high-quality video
playback in 1024
× 768 256-color mode with only 1
MBytes of DRAM.
The integration of a GE, a VA, RAMDAC and dual
clock synthesizers in one chip provides an all-in-one
controller for graphics and video display subsystem.
The flexible display memory interface design of the
W9970CF allows system designers to select various
types of DRAMs, including 128K
× 8, 128K × 16,
256K
× 4, 256K × 8, and 256K × 16 in either fast page
or extended data out (EDO) modes.
The W9970CF supports a glueless interface with the
32-bit PCI Local Bus. Green PC power management is
supported via VESA Display Power Management
Signaling (DPMS) and power-down of the on-chip
RAMDAC and clock synthesizers. The VESA DDC1
and DDC2 smart monitor control is also supported.
System
Bus
Interface
Graphics Engine
SVGA
Video Accelerator
RAMDAC
DRAM
Controller
Clock
Synthesizers
PCI Bus
Multimedia Video Interface
DRAM
Monitor
32/64
8/16
32
BIOS ROM
8
32
32
24
64
24
64
MCLK
VCLK
32
Figure 2. W9970CF Block Diagram



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com