Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AS2520 Datasheet(PDF) 10 Page - ams AG

Part # AS2520
Description  Telephone Speech Circuit with Loudhearing and Handsfree
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS2520 Datasheet(HTML) 10 Page - ams AG

Back Button AS2520 Datasheet HTML 6Page - ams AG AS2520 Datasheet HTML 7Page - ams AG AS2520 Datasheet HTML 8Page - ams AG AS2520 Datasheet HTML 9Page - ams AG AS2520 Datasheet HTML 10Page - ams AG AS2520 Datasheet HTML 11Page - ams AG AS2520 Datasheet HTML 12Page - ams AG AS2520 Datasheet HTML 13Page - ams AG AS2520 Datasheet HTML 14Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Preliminary
AS2520/21/20B/21B
Rev. 5.1
Page 10
May 1999
AC Electrical Characteristics
I
LINE = 15 mA; f = 800 Hz; recommended operating conditions unless otherwise specified.
Transmit
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
A
TX
Gain (M1/M2 to LS)
Gain (M3/M4 to LS)
HS, LH modes; LLC = A
GND
HF mode; LLC = A
GND
35
45
36.5
46.5
38
48
dB
dB
A
MF
Gain (TI to LS)
MF mode
12
13.5
15
dB
∆A
TX/F
Variation with Frequency
f = 500 Hz to 3.4 kHz
+/- 0.8
dB
A
LLC
Gain Range, LLC
Speech mode; LLC = V
SS or VDD
-6
dB
THD
Distortion
V
LI < 0.25 VRMS
2
%
V
AGC
V
AGC
A
SCO
Soft Clip Level
Soft Clip Level
Soft Clip Overdrive
HS, LH modes; V
LI =
HF mode; V
LI =
2
650
30
V
PEAK
mV
PEAK
dB
Z
IN
Input Impedance;
M1/M2 and M3/M4
15
kohm
A
AD
Attenuation Depth
30
dB
A
MUTE
Mute Attenuation
Mute activated
60
dB
V
NO
Noise Output Voltage
HS = high; T
AMB = 25°C
LE = high; HS = low; T
AMB = 25°C
-72
-62
dBmp
dBmp
V
IN MAX
Input Voltage Range;
M1/M2
Differential
Single ended
+/- 1
+/- 0.5
V
PEAK
V
PEAK
Line Driver
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Units
V
IN MAX
Input Voltage Range; LI
+/- 2
V
PEAK
RL
∆Z
AC/TEMP
Return Loss
Temperature Variation
Z
RL = 1000 ohm; TAMB = 25°C
18
0.5
dB
Ω/°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com