Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AS2702 Datasheet(PDF) 9 Page - ams AG

Part # AS2702
Description  AS-Interface Slave IC
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS2702 Datasheet(HTML) 9 Page - ams AG

Back Button AS2702 Datasheet HTML 5Page - ams AG AS2702 Datasheet HTML 6Page - ams AG AS2702 Datasheet HTML 7Page - ams AG AS2702 Datasheet HTML 8Page - ams AG AS2702 Datasheet HTML 9Page - ams AG AS2702 Datasheet HTML 10Page - ams AG AS2702 Datasheet HTML 11Page - ams AG AS2702 Datasheet HTML 12Page - ams AG AS2702 Datasheet HTML 13Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
AS-Interface Slave IC
AS2702 (SAP4.1)
Rev. C, January 2001
Page 9 of 18
The dc-parameters of the data port pins D3, …, D0 are specified as follows:
6\PERO
3DUDPHWHU
PLQ
PD[
8QLW
1RWH
IOUTLO
Sink current @ output L
10
mA
VOUT =
1V
IOUTHI
Leakage current @ output off
- 1
1
µA
1
VSCHLT
Input threshold voltage
2.5
3.5
V
2
VIN
Acceptable input voltage @
output off
- 0.3
40
V
Notes:
1
Output stage is low-side open-drain; ext. pull-up resistor required as no pull-up
structure on chip
2
No hysteresis implemented
To govern the data transfer at data port D3, …,D0 strobe pin DSTBn is equipped with a low-
side open-drain output switch plus a passive high-side current source with a nom. 10 µA pull-
up current capability.
However a second function is assigned to the DSTBn pin which requires it to be input as well:
if a low-pulse is imposed on DSTBn by external means with a pulse width of at least 50 to 100
ms, the slave device will be put in RESET condition, as described in section “Reset”.
The dc-and timing parameters of strobe pin DSTBn are specified as follows:
6\PERO
3DUDPHWHU
PLQ
PD[
8QLW
1RWH
IOUTLO
Sink current @ output L
10
mA
VOUT = 1V
IOUTHI
Leakge current @ output off
- 10
10
µA
VOUT = 5V
IINLO
Input current @ VIN = 1V
- 5
- 20
µA
1
VSCHLT
Input threshold voltage
1.5
3.5
V
2
VIN
Acceptable input voltage @
output off
- 0.3
40
V
tNORESET
DSTBn L-phase width, not
triggering RESET
50
ms
tRESET
DSTBn L-phase width, trig-
gering RESET
100
ms
CPINEXT
Stray capacitance
20
pF
Notes:
1
DSTBn is equipped with an on-chip pull-up current source, which ensures
a sufficiently fast LH-edge upon output switch-off in open-pin condition,
to prevent erroneous RESET triggering.
If DSTBn has an external load connected to it,
an additional external pull-up resistor may be needed
to prevent erroneous RESET triggering upon output switch-off
2
No hysteresis implemented



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com