Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AS8410 Datasheet(PDF) 3 Page - ams AG

Part # AS8410
Description  PWM DC Motor Regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8410 Datasheet(HTML) 3 Page - ams AG

  AS8410 Datasheet HTML 1Page - ams AG AS8410 Datasheet HTML 2Page - ams AG AS8410 Datasheet HTML 3Page - ams AG AS8410 Datasheet HTML 4Page - ams AG AS8410 Datasheet HTML 5Page - ams AG AS8410 Datasheet HTML 6Page - ams AG AS8410 Datasheet HTML 7Page - ams AG AS8410 Datasheet HTML 8Page - ams AG AS8410 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
PWM DC Motor Regulator – Data Sheet
AS8410
Rev. 1.0, December 2000
page 3 of 19
2 General Description
Package and Marking
Package: SOIC16 wide outline
SOIC16
SOIC16 wide outline
Marking
(measure in mm)
AS8410 ASSP number
min.
nom.
max.
A
2,46
2,56
2,64
YY
Production year
A1
0,13
0,22
0,29
WW
Production week
A2
2,29
2,34
2,39
XXX
Assembly-ID
B
0,35
0,41
0,48
C
0,23
0,25
0,32
D
10.21
10.34
10.46
E
7,42
7,52
7,59
e
1.27 BSC
H
10.16
10.31
10.41
h
0.25
0.33
0.41
L
0,61
0,81
1,02
α
0°
5°
8°
Table 2.1: Dimensions and marking
Fig. 2.1 Dimensions and marking



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com