Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CONFIG2 Datasheet(PDF) 11 Page - Future Technology Devices International Ltd.

Part # CONFIG2
Description  The FT311D Development Module is a development module which utilises the FT311D IC to develop USB accessories connecting to Android platforms via Android Open Accessory mode.
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

CONFIG2 Datasheet(HTML) 11 Page - Future Technology Devices International Ltd.

Back Button CONFIG2 Datasheet HTML 7Page - Future Technology Devices International Ltd. CONFIG2 Datasheet HTML 8Page - Future Technology Devices International Ltd. CONFIG2 Datasheet HTML 9Page - Future Technology Devices International Ltd. CONFIG2 Datasheet HTML 10Page - Future Technology Devices International Ltd. CONFIG2 Datasheet HTML 11Page - Future Technology Devices International Ltd. CONFIG2 Datasheet HTML 12Page - Future Technology Devices International Ltd. CONFIG2 Datasheet HTML 13Page - Future Technology Devices International Ltd. CONFIG2 Datasheet HTML 14Page - Future Technology Devices International Ltd. CONFIG2 Datasheet HTML 15Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
Copyright © 2012 Future Technology Devices International Limited
11
DS_UMFT311EV
USB ANDROID HOST MODULE Datasheet
Version 1.0
Document No.: FT_000689 Clearance No.: FTDI# 303
6 Absolute Maximum Ratings
The absolute maximum ratings for FT311D Development Module are shown in
Parameter
Value
Unit
Storage Temperature
-65°C to 150°C
Degrees C
Ambient Temperature (Power Applied)
-40°C to 80°C
Degrees C.
Recommended Operating Temperature
0°C to 55°C
Degrees C.
Vcc Supply Voltage
0 to +5.25
V
DC Input Voltage - All other Inputs
-0.5 to +3.3
V
. These are in accordance with the Absolute Maximum Rating System (IEC 60134). Exceeding these may
cause permanent damage to the device.
Parameter
Value
Unit
Storage Temperature
-65°C to 150°C
Degrees C
Ambient Temperature (Power Applied)
-40°C to 80°C
Degrees C.
Recommended Operating Temperature
0°C to 55°C
Degrees C.
Vcc Supply Voltage
0 to +5.25
V
DC Input Voltage - All other Inputs
-0.5 to +3.3
V
Table 6.1 : Absolute Maximum Ratings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com