Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

GCS-1100I Datasheet(PDF) 2 Page - AAEON Technology

Part # GCS-1100I
Description  Green Communication System with Intel Atom N270 Processor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAEON [AAEON Technology]
Direct Link  http://www.aaeon.com
Logo AAEON - AAEON Technology

GCS-1100I Datasheet(HTML) 2 Page - AAEON Technology

  GCS-1100I Datasheet HTML 1Page - AAEON Technology GCS-1100I Datasheet HTML 2Page - AAEON Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
13-2
GCS-1100i
Product CD
•
GCS-1100i
•
Packing List
Ordering Information
Optional Accessories
TF-GCS-1100I-A10
•
Green Communication System, Intel® Atom™ N270 1.6GHz, 8 COM, 4 GbE, 8-bit DIO, 9-32V DC-in, Rev A1.0
70W AC-DC Adapter
•
Certification
EMC
CE/FCC/Energy Star
Safety
—
Dimension (W x H x D)
16.9" x 11.8" x 1.73" (430mm x 300mm x 44mm)
Gross Weight
15.4 lb (7.0 kg)
Note
—
Dimension
Unit: mm



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com